Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 64 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 64 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 60Page - Microsemi Corporation VSC7511 Datasheet HTML 61Page - Microsemi Corporation VSC7511 Datasheet HTML 62Page - Microsemi Corporation VSC7511 Datasheet HTML 63Page - Microsemi Corporation VSC7511 Datasheet HTML 64Page - Microsemi Corporation VSC7511 Datasheet HTML 65Page - Microsemi Corporation VSC7511 Datasheet HTML 66Page - Microsemi Corporation VSC7511 Datasheet HTML 67Page - Microsemi Corporation VSC7511 Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
49
Figure 18 •
Counter Layout (SYS:STAT:CNT) Per View
Read Example To read the number of good unicast frames transmitted on port 3 (counter c_tx_uc), set
the current view in STAT_CFG.STAT_VIEW to 3 and read SYS:STAT:CNT[0x41]. Note that with the
current view, one could also read Rx and drop counters on port 3
The counters can be cleared per counter group per view. Writing to register
STAT_CFG.STAT_CLEAR_SHOT clears all counters associated with the counter groups specified by
STAT_CFG.STAT_CLEAR_SHOT for the view specified in STAT_CFG.STAT_VIEW.
It is possible to select whether to count frames or bytes for the following specific counters.
•
The Rx priority counters (c_rx_red_prio_*, c_rx_yellow_prio_*, c_rx_green_prio_*, where x is 0
through 7).
•
The Tx priority counters (c_tx_yellow_prio_*, c_tx_green_prio_*, where x is 0 through 7).
•
The Drop priority counters (c_dr_yellow_prio_*, c_dr_green_prio_*, where x is 0 through 7).
The Rx priority counters are programmed through ANA::AGENCTRL, and the Tx and drop priority
counters are programmed through QSYS::STAT_CNT_CFG. When counting bytes, the frame length
excluding inter frame gap and preamble is counted.
For testing purposes, all counters are both readable and writable. All counters wrap around to 0 when
reaching the maximum.
For more information about how the counters map to relevant MIBs, see Port Counters, page 222.
3.7
Basic Classifier
The switch core includes a common basic classifier, which determines a number of properties affecting
the forwarding of each frame through the switch. These properties are:
•
Frame acceptance filtering. Drop illegal frame types.
•
QoS classification. Assign one of eight QoS classes to the frame.
•
Drop precedence (DP) classification. Assign one of two drop precedence levels to the frame.
•
DSCP classification. Assign one of 64 DSCP values to the frame.
•
VLAN classification. Extract tag information from the frame or use the port VLAN.
•
Link aggregation code generation. Generate the link aggregation code.
•
CPU forwarding determination. Determine CPU Forwarding and CPU extraction queue number
The outcome of the classifier is the basic classification result, which can be overruled by more intelligent
frame processing in the VCAP IS1. For more information, see VCAP, page 60.
3.7.1
General Data Extraction Setup
This section provides information about the overall settings for data extraction that provides the data
input to the classifier, VCAP, analyzer, and rewriter.
Rx,
Port=STAT_CFG.STAT_VIEW
Bit 31
Bit 0
0x000
0x02A
c_rx_oct
c_rx_green_prio_7
TX,
Port=STAT_CFG.STAT_VIEW
0x040
0x05E
c_tx_oct
c_tx_aged
Drop,
Port=STAT_CFG.STAT_VIEW
0x080
0x091
c_dr_local
c_dr_green_prio_7
Unused
Unused
Counter Groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com