Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 69Page - Microsemi Corporation VSC7511 Datasheet HTML 70Page - Microsemi Corporation VSC7511 Datasheet HTML 71Page - Microsemi Corporation VSC7511 Datasheet HTML 72Page - Microsemi Corporation VSC7511 Datasheet HTML 73Page - Microsemi Corporation VSC7511 Datasheet HTML 74Page - Microsemi Corporation VSC7511 Datasheet HTML 75Page - Microsemi Corporation VSC7511 Datasheet HTML 76Page - Microsemi Corporation VSC7511 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
58
The following table lists the registers associated with aggregation code generation.
The classifier generates a link aggregation code, which is used in the analyzer when selecting to which
port in a link aggregation group a frame is forwarded.
The following contributions to the link aggregation code is configured in the AGGR_CFG register:
•
Destination MAC address—use the lower 12 bits of the DMAC.
•
Source MAC address—use the lower 12 bits of the SMAC.
•
IPv6 flow label—use the 20 bits of the flow label.
•
IPv4 source and destination IP addresses—use the lower 8 bits of the SIP and DIP.
•
TCP/UDP source and destination port for IPv4 and IPv6 frames—use the lower 8 bits of the SPORT
and DPORT.
•
Random aggregation code—use a pseudo-random number instead of the frame information.
Each of the enabled contributions are XOR’ed together, yielding a 4-bit aggregation code ranging from 0
to 15. For more information about how the aggregation code is used, see Link Aggregation, page 246.
3.7.6
CPU Forwarding Determination
The following table lists the registers associated with CPU forwarding in the basic classifier.
The classifier has support for determining whether certain frames must be forwarded to the CPU
extraction queues. Other parts of the device can also determine CPU forwarding, for example, the
analyzer or the VCAP IS2. All events leading to CPU forwarding are OR’ed together, and the final CPU
extraction queue mask, which is available to the user, contains the sum of all events leading to CPU
extraction. For more information, see CPU Extraction and Injection, page 263.
Upon CPU forwarding by the classifier, the frame type determines whether the frame is redirected or
copied to the CPU. Any frame type or event causing a redirection to the CPU cause all front ports to be
removed from the forwarding decision - only the CPU receives the frame. When copying a frame to the
CPU, the normal forwarding of the frame is unaffected.
Table 30 •
Aggregation Code Generation Registers
Register
Description
Replication
ANA::AGGR_CFG
Configures use of Layer-2 through Layer-4 flow
information for link aggregation code generation.
Common
Table 31 •
CPU Forwarding Determination
Register
Description
Replication
CPU_FWD_CFG
Enables CPU forwarding for various frame types.
Per port
CPU_FWD_BPDU_CFG
Enables CPU forwarding per BPDU address.
Per port
CPU_FWD_GARP_CFG
Enables CPU forwarding per GARP address.
Per port
CPU_FWD_CCM_CFG
Enables CPU forwarding per CCM/Link trace
address
Per port
CPUQ_CFG and
CPUQ_CFG2
CPU extraction queues for various frame types
None
CPUQ_8021_CFG
CPU extraction queues for BPDU, GARP, and CCM
addresses.
None
VRAP_CFG
VLAN configuration of VRAP filter.
None
VRAP_HDR_DATA
Data match against VRAP header.
None
VRAP_HDR_MASK
Mask used to don’t care bits in the VRAP header.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com