Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 46 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 46 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 42Page - Microsemi Corporation VSC7511 Datasheet HTML 43Page - Microsemi Corporation VSC7511 Datasheet HTML 44Page - Microsemi Corporation VSC7511 Datasheet HTML 45Page - Microsemi Corporation VSC7511 Datasheet HTML 46Page - Microsemi Corporation VSC7511 Datasheet HTML 47Page - Microsemi Corporation VSC7511 Datasheet HTML 48Page - Microsemi Corporation VSC7511 Datasheet HTML 49Page - Microsemi Corporation VSC7511 Datasheet HTML 50Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
31
Figure 8 •
SERDES6G Loopback Modes
3.4.3
Synchronous Ethernet
The SERDES6G block can recover the clock from the received data and apply the clock to either a per-
SerDes recovered clock output pin (SERDES6G_COMMON_CFG.RECO_SEL_A) or a common
recovered clock output pin that may be driven by another SerDes macros as well
(SERDES6G_COMMON_CFG.RECO_SEL_B). Note that only one macro should drive the common
recovered clock output pin at the same time.
In addition, it is possible to squelch the recovered clock if the associated PCS cannot detect valid data
(SERDES6G_COMMON_CFG.SE_AUTO_SQUELCH_A_ENA and
SERDES6G_COMMON_CFG.SE_AUTO_SQUELCH_B_ENA).
For more information about Synchronous Ethernet, see Layer 1 Timing, page 152.
3.4.4
SERDES6G Deserializer Configuration
The SERDES6G block includes digital control logic that interacts with the analog modules within the
block and compensates for the frequency offset between the received data and the internal high-speed
reference clock. To gain high jitter performance, the phase regulation is a PI-type regulator, whose
proportional (P) and integrative (I) characteristics can be independently configured.
The integrative part of the phase regulation loop is configured in
SERDES6G_DES_CFG.DES_PHS_CTRL. The limits of the integrator are programmable, allowing
different settings for the integrative regulation while guaranteeing that the proportional part still is
stronger than the integrative part. Integrative regulation compensates frequency modulation from DC up
to cut-off frequency. Frequencies greater than the cut-off frequency are compensated by the proportional
part.
The DES_BW_HYST register field controls the time constant of the integrator independently of the
proportional regulator. The range of DES_BW_HYST is programmable as follows:
•
Full rate mode = 3 to 7
•
Quarter-rate mode = 1 to 7
The lower the configuration setting the smaller the time-constant of the integrative regulation. For normal
operation, configure DES_BW_HYST to 5.
The cut-off-frequency is calculated to:
Tx (P/N)
Rx (P/N)
ESD
Input
Buffer
Output
Buffer
Equipment
Loop
Rx Path
Tx Path
ESD
Facility
Loop
Deserializer
20
Serializer
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com