Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 51 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 51 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 47Page - Microsemi Corporation VSC7511 Datasheet HTML 48Page - Microsemi Corporation VSC7511 Datasheet HTML 49Page - Microsemi Corporation VSC7511 Datasheet HTML 50Page - Microsemi Corporation VSC7511 Datasheet HTML 51Page - Microsemi Corporation VSC7511 Datasheet HTML 52Page - Microsemi Corporation VSC7511 Datasheet HTML 53Page - Microsemi Corporation VSC7511 Datasheet HTML 54Page - Microsemi Corporation VSC7511 Datasheet HTML 55Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
36
3.5.1.1
Broadcast Write
The PHYs can be configured to accept MII PHY register write operations, regardless of the destination
address of these writes. This is enabled in PHY_CTRL_STAT_EXT::BROADCAST_WRITE_ENA. This
enabling allows similar configurations to be sent quickly to multiple PHYs without having to do repeated
MII PHY write operations. This feature applies only to writes; MII PHY register read operations are still
interpreted with “correct” address.
3.5.1.2
Register Reset
The PHY can be reset through software, enabled in PHY_CTRL::SOFTWARE_RESET_ENA. Enabling
this field initiates a software reset of the PHY. Fields that are not described as sticky are returned to their
default values. Fields that are described as sticky are only returned to defaults if sticky-reset is disabled
through PHY_CTRL_STAT_EXT::STICKY_RESET_ENA. Otherwise, they retain their values from prior to
the software reset. A hardware reset always brings all PHY registers back to their default values.
3.5.2
Cat5 Twisted Pair Media Interface
The twisted pair interfaces are compliant with IEEE 802.3-2008 and IEEE 802.3az for Energy Efficient
Ethernet.
3.5.2.1
Voltage-Mode Line Driver
Unlike many other gigabit PHYs, this PHY uses a patented voltage-mode line driver that allows it to fully
integrate the series termination resistors (required to connect the PHY’s Cat5 interface to an external 1:1
transformer). Also, the interface does not require placement of an external voltage on the center tap of
the magnetic. The following illustration shows the connections.
Figure 10 •
Cat5 Media Interface
TXVPA_
n
TXVNA_
n
TXVPB_
n
TXVNB_
n
TXVPC_
n
TXVNC_
n
TXVPD_
n
TXVND_
n
PHY Port_n
Transformer
A+
A–
B+
B–
C+
C–
D+
D–
1
2
3
6
4
5
7
8
RJ-45
75
Ω
75
Ω
75
Ω
75
Ω
1000 pF,
2 kV
0.1 µF
0.1 µF
0.1 µF
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com