Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 64Page - Microsemi Corporation VSC7511 Datasheet HTML 65Page - Microsemi Corporation VSC7511 Datasheet HTML 66Page - Microsemi Corporation VSC7511 Datasheet HTML 67Page - Microsemi Corporation VSC7511 Datasheet HTML 68Page - Microsemi Corporation VSC7511 Datasheet HTML 69Page - Microsemi Corporation VSC7511 Datasheet HTML 70Page - Microsemi Corporation VSC7511 Datasheet HTML 71Page - Microsemi Corporation VSC7511 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
53
3.7.3
QoS, DP, and DSCP Classification
This section provides information about the functions in the QoS, DP, and DSCP classification. The three
tasks are described as one, because the tasks have a significant amount of functionality in common.
The following table lists the registers associated with QoS, DP, and DSCP classification.
The basic classification provides the user with control of the QoS, DP, and DSCP classification algorithm.
The result of the basic classification are the following frame properties, which follow the frame through
the switch:
•
The frame’s QoS class. This class is encoded in a 3-bit field, where 7 is the highest priority QoS
class and 0 is the lowest priority QoS class. The QoS class is used by the queue system when
enqueuing frames and when evaluating resource consumptions, for policing, statistics, and rewriter
actions.
•
The frame’s DP level. This level is encoded in a 1-bit field, where frames with DP = 1 have the
highest probability of being dropped and frames with DP = 0 have the lowest probability. The DP
level is used by the dual leaky bucket policers for measuring committed and peak information rates,
for restricting memory consumptions in the queue system, for collecting statistics, and for rewriting
priority information in the rewriter. The DP level is incremented by the policers if a frame is
exceeding a programmed committed information rate.
•
The frame’s DSCP. This value is encoded in a 6-bit fields. The DSCP value is forwarded with the
frame to the rewriter where it is translated and rewritten into the frame. The DSCP value is only
applicable to IPv4 and IPv6 frames.
The classifier looks for the following fields in the incoming frame to determine the QoS, DP, and DSCP
classification:
•
Port default QoS class and DP level. The default DSCP value is the frame’s DSCP value. For non-IP
frames, the DSCP is 0 and it is not used elsewhere in the switch.
•
Priority Code Point (PCP) when the frame is VLAN tagged or priority tagged. There is an option to
use the inner tag for double tagged frames (VLAN_CFG.VLAN_INNER_TAG_ENA). Both S-tagged
and C-tagged frames are considered.
•
Drop Eligible Indicator (DEI) when the frame is VLAN tagged or priority tagged. There is an option to
use the inner tag for double tagged frames (VLAN_CFG.VLAN_INNER_TAG_ENA). Both S-tagged
and C-tagged frames are considered.
•
DSCP (all 6 bits, both for IPv4 and IPv6 packets). The classifier can look for the DSCP value behind
up to two VLAN tags.
The following illustration shows the flow chart of basic QoS and DP classification.
Table 28 •
QoS, DP, and DSCP Classification Registers
Register
Description
Replication
ANA.PORT.QOS_CFG
Configuration of the overall classification
flow for QoS, DP, and DSCP.
Per port
ANA:PORT:QOS_PCP_DEI_MAP_CFG Mapping from (DEI, PCP) to (DP, QoS).
Per port per
DEI per PCP
ANA::DSCP_CFG
DSCP configuration per DSCP value.
Per DSCP
ANA::DSCP_REWR_CFG
DSCP rewrite values per DP level and QoS
class.
Per DP and
per QoS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com