| Electronic Components Datasheet Search |
|
VSC7511 Datasheet(PDF) 62 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7511 Datasheet(HTML) 62 Page - Microsemi Corporation |
|
62 / 324 page ![]() Functional Descriptions VMDS-10488 VSC7511 Datasheet Revision 4.2 47 Tx c_tx_sz_512_1023 0x4B Number of 512-1023-byte frames in good and bad frames. Tx c_tx_sz_1024_1526 0x4C Number of 1024-1526-byte frames in good and bad frames. Tx c_tx_sz_jumbo 0x4D Number of 1527-MAXLEN.MAX_LENGTH-byte frames in good and bad frames. Tx c_tx_yellow_prio_0 0x4E Number of transmitted frames classified to QoS class 0 with DP level 1. Tx c_tx_yellow_prio_1 0x4F Number of transmitted frames classified to QoS class 1 with DP level 1. Tx c_tx_yellow_prio_2 0x50 Number of transmitted frames classified to QoS class 2 with DP level 1. Tx c_tx_yellow_prio_3 0x51 Number of transmitted frames classified to QoS class 3 with DP level 1. Tx c_tx_yellow_prio_4 0x52 Number of transmitted frames classified to QoS class 4 with DP level 1. Tx c_tx_yellow_prio_5 0x53 Number of transmitted frames classified to QoS class 5 with DP level 1. Tx c_tx_yellow_prio_6 0x54 Number of transmitted frames classified to QoS class 6 with DP level 1. Tx c_tx_yellow_prio_7 0x55 Number of transmitted frames classified to QoS class 7 with DP level 1. Tx c_tx_green_prio_0 0x56 Number of transmitted frames classified to QoS class 0 with DP level 0. Tx c_tx_green_prio_1 0x57 Number of transmitted frames classified to QoS class 1 with DP level 0. Tx c_tx_green_prio_2 0x58 Number of transmitted frames classified to QoS class 2 with DP level 0. Tx c_tx_green_prio_3 0x59 Number of transmitted frames classified to QoS class 3 with DP level 0. Tx c_tx_green_prio_4 0x5A Number of transmitted frames classified to QoS class 4 with DP level 0. Tx c_tx_green_prio_5 0x5B Number of transmitted frames classified to QoS class 5 with DP level 0. Tx c_tx_green_prio_6 0x5C Number of transmitted frames classified to QoS class 6 with DP level 0. Tx c_tx_green_prio_7 0x5D Number of transmitted frames classified to QoS class 7 with DP level 0. Tx c_tx_aged 0x5E Number of frames dropped due to frame aging. Table 24 • Tx Counters in the Statistics Block (continued) Type Short Name Counter Address Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |