Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 72 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 72 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 68Page - Microsemi Corporation VSC7511 Datasheet HTML 69Page - Microsemi Corporation VSC7511 Datasheet HTML 70Page - Microsemi Corporation VSC7511 Datasheet HTML 71Page - Microsemi Corporation VSC7511 Datasheet HTML 72Page - Microsemi Corporation VSC7511 Datasheet HTML 73Page - Microsemi Corporation VSC7511 Datasheet HTML 74Page - Microsemi Corporation VSC7511 Datasheet HTML 75Page - Microsemi Corporation VSC7511 Datasheet HTML 76Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
57
Figure 22 •
Basic VLAN Classification Flow
The basic classifier can overwrite the basic classified PCP value with the frame’s basic classified QoS
class coming from the basic QoS classification. This option is enabled in
ANA:PORT:PTP_DLY1_CFG.USE_QOS_AS_PCP_ENA. The basic classified tag header can be
overwritten by more intelligent decisions made in the VCAP IS1.
3.7.5
Link Aggregation Code Generation
This section provides information about the functions in link aggregation code generation.
VLAN_AWARE_ENA[port] and
”Frame has outer tag”
VLAN_INNER_TAG_ENA[port] and
”Frame has inner tag”
TAG_TYPE = VLAN_CFG.VLAN_TAG_TYPE
PCP = VLAN_CFG.VLAN_PCP
DEI = VLAN_CFG.VLAN_DEI
VID = VLAN_CFG.VLAN_VID
VLAN_POP_CNT = VLAN_CFG.VLAN_POP_CNT
Y
TAG_TYPE = (Frame.InnerTPID <> 0x8100)
PCP = Frame.InnerPCP
DEI = Frame.InnerDEI
VID = Frame.InnerVID
Y
VID == 0?
VID = VLAN_CFG.VLAN_VID
Y
Basic classified tag header (TAG_TYPE, PCP, DEI, VID)
TAG_TYPE = (Frame.OuterTPID <> 0x8100)
PCP = Frame.OuterPCP
DEI = Frame.OuterDEI
VID = Frame.OuterVID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com