Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 88 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 88 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 84Page - Microsemi Corporation VSC7511 Datasheet HTML 85Page - Microsemi Corporation VSC7511 Datasheet HTML 86Page - Microsemi Corporation VSC7511 Datasheet HTML 87Page - Microsemi Corporation VSC7511 Datasheet HTML 88Page - Microsemi Corporation VSC7511 Datasheet HTML 89Page - Microsemi Corporation VSC7511 Datasheet HTML 90Page - Microsemi Corporation VSC7511 Datasheet HTML 91Page - Microsemi Corporation VSC7511 Datasheet HTML 92Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
73
VID
32
12
Frame’s VID if frame is tagged, otherwise port default.
S1_NORMAL: VID is taken from tag pointed to by
VCAP_CFG.S1_VLAN_INNER_TAG_ENA.
DEI
44
1
Frame’s DEI if frame is tagged, otherwise port default.
S1_NORMAL: DEI is taken from tag pointed to by
VCAP_CFG.S1_VLAN_INNER_TAG_ENA.
PCP
45
3
Frame’s PCP if frame is tagged, otherwise port default.
S1_NORMAL: PCP is taken from tag pointed to by
VCAP_CFG.S1_VLAN_INNER_TAG_ENA.
INNER_TPID
48
1
TPID for inner tag.
0: Customer TPID.
1: Service TPID (88A8 or programmable).
INNER_VID
49
12
Frame’s inner VID if frame is double tagged.
INNER_DEI
61
1
Frame’s inner DEI if frame is double tagged.
INNER_PCP
62
3
Frame’s inner PCP if frame is double tagged.
Table 42 •
Specific Fields for IS1 Full Key S1_NORMAL_IP6
Field Name
Bit
Width
Description
Layer 2 Information
L2_SMAC
65
48
Frame’s source MAC address.
Use destination MAC address if
VCAP_CFG.S1_DMAC_DIP_ENA is set for ingress port.
Layer 3 Information
L3_DSCP
113
6
Frame’s DSCP value. The DSCP value may have been
translated during basic classification. For more
information, see QoS, DP, and DSCP Classification,
page 53.
L3_IP6_SIP
119
128
Source IP address.
Use destination IP address if
VCAP_CFG.S1_DMAC_DIP_ENA is set for ingress port.
L3_PROTO
247
8
IPv6 next header.
Layer 4 Information
TCP_UDP
255
1
Frame type flag.
Set if frame is IPv4/IPv6 TCP or UDP frame.
TCP
256
1
Frame type flag.
Set if frame is IPv4/IPv6 TCP frame.
L4_RNG
257
8
Range mask with one bit per range. A bit is set, if the
corresponding range is matched.
Range types: SPORT, DPORT, SPORT or DPORT, VID,
DSCP.
Input to range checkers:
SPORT/DPORT: From frame
VID: From frame if tagged, otherwise port’s VID
DSCP: Translated DSCP from the basic classification.
See Range Checkers, page 94.
Table 41 •
IS1 Common Key Fields for Full keys (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com