Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 27 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 27 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 23Page - Microsemi Corporation VSC7511 Datasheet HTML 24Page - Microsemi Corporation VSC7511 Datasheet HTML 25Page - Microsemi Corporation VSC7511 Datasheet HTML 26Page - Microsemi Corporation VSC7511 Datasheet HTML 27Page - Microsemi Corporation VSC7511 Datasheet HTML 28Page - Microsemi Corporation VSC7511 Datasheet HTML 29Page - Microsemi Corporation VSC7511 Datasheet HTML 30Page - Microsemi Corporation VSC7511 Datasheet HTML 31Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
12
Figure 4 •
Default Egress Scheduler and Shaper Configuration
Scheduling between QoS classes within the port can use one of three methods:
•
Strict. Frames with the highest QoS class are always transmitted before frames with lower QoS
class. This is shown in Figure 4, page 12.
•
Combination of strict and Deficit Weighted Round Robin (DWRR) scheduling. Any split of strict and
DWRR QoS classes can be configured. Figure 3, page 10 shows an example where QoS classes 6
and 7 are strict while QoS classes 0 through 5 are weighted. Each QoS class sets a DWRR weight
ranging from 0 to 31.
•
Combination of strict and Frame Based Round Robin (FBRR) scheduling. Any split between strict
and FBRR QoS classes can be configured.
All shapers shown in the following illustrations are single leaky bucket shapers.
SE #146
S
High
Low
S
T
R
I
C
T
0
1
2
3
4
5
6
7
8
9
10
11
SE #0
S
0
1
2
3
4
5
6
7
8
9
10
11
F
B
R
R
SE #7
S
0
1
2
3
4
5
6
7
8
9
10
11
F
B
R
R
Input port #0
Input port #1
Input port #2
Input port #3
Input port #4
Input port #5
Input port #6
Input port #7
Input port #8
Input port #9
Input port #10
ICPU (#11)
Input port #0
Input port #1
Input port #2
Input port #3
Input port #4
Input port #5
Input port #6
Input port #7
Input port #8
Input port #9
Input port #10
ICPU (#11)
Q-0
Q-11
Q-84
Q-95
Output Port
Shaper
QoS Class #7
Shaper
Virtual Input Queues
QoS Class 0
Virtual Input Queues
QoS Class 7
QoS Class #0
Shaper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com