Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 61 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 61 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 57Page - Microsemi Corporation VSC7511 Datasheet HTML 58Page - Microsemi Corporation VSC7511 Datasheet HTML 59Page - Microsemi Corporation VSC7511 Datasheet HTML 60Page - Microsemi Corporation VSC7511 Datasheet HTML 61Page - Microsemi Corporation VSC7511 Datasheet HTML 62Page - Microsemi Corporation VSC7511 Datasheet HTML 63Page - Microsemi Corporation VSC7511 Datasheet HTML 64Page - Microsemi Corporation VSC7511 Datasheet HTML 65Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
46
The following table defines the per-port available Tx counters and lists the counter address.
Rx
c_rx_yellow_prio_5
0x21
Number of received frames classified to QoS class 5
and marked yellowby a policer
Rx
c_rx_yellow_prio_6
0x22
Number of received frames classified to QoS class 6
and marked yellowby a policer
Rx
c_rx_yellow_prio_7
0x23
Number of received frames classified to QoS class 7
and marked yellowby a policer
Rx
c_rx_green_prio_0
0x24
Number of received frames classified to QoS class 0
and marked green by a policer.
Rx
c_rx_green_prio_1
0x25
Number of received frames classified to QoS class 1
and marked green by a policer.
Rx
c_rx_green_prio_2
0x26
Number of received frames classified to QoS class 2
and marked greenby a policer.
Rx
c_rx_green_prio_3
0x27
Number of received frames classified to QoS class 3
and marked green by a policer.
Rx
c_rx_green_prio_4
0x28
Number of received frames classified to QoS class 4
and marked green by a policer.
Rx
c_rx_green_prio_5
0x29
Number of received frames classified to QoS class 5
and marked green by a policer.
Rx
c_rx_green_prio_6
0x2A
Number of received frames classified to QoS class 6
and marked green by a policer.
Rx
c_rx_green_prio_7
0x2B
Number of received frames classified to QoS class 7
and marked green by a policer.
Table 24 •
Tx Counters in the Statistics Block
Type
Short Name
Counter
Address
Description
Tx
c_tx_oct
0x40
Transmitted octets in good and bad frames.
Tx
c_tx_uc
0x41
Number of good unicasts.
Tx
c_tx_mc
0x42
Number of good multicasts.
Tx
c_tx_bc
0x43
Number of good broadcasts.
Tx
c_tx_col
0x44
Number of transmitted frames experiencing a collision.
An excessive collided frame gives 16 counts.
Tx
c_txdrop
0x45
Number of frames dropped due to excessive collisions
or late collisions.
Tx
c_txpause
0x46
Number of transmitted pause frames.
Tx
c_tx_sz_64
0x47
Number of 64-byte frames in good and bad frames.
Tx
c_tx_sz_65_127
0x48
Number of 65-127-byte frames in good and bad frames.
Tx
c_tx_sz_128_255
0x49
Number of 128-255-byte frames in good and bad
frames.
Tx
c_tx_sz_256_511
0x4A
Number of 256-511-byte frames in good and bad
frames.
Table 23 •
Receive Counters in the Statistics Block (continued)
Type
Short Name
Counter
Address Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com