Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 31 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 31 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 27Page - Microsemi Corporation VSC7511 Datasheet HTML 28Page - Microsemi Corporation VSC7511 Datasheet HTML 29Page - Microsemi Corporation VSC7511 Datasheet HTML 30Page - Microsemi Corporation VSC7511 Datasheet HTML 31Page - Microsemi Corporation VSC7511 Datasheet HTML 32Page - Microsemi Corporation VSC7511 Datasheet HTML 33Page - Microsemi Corporation VSC7511 Datasheet HTML 34Page - Microsemi Corporation VSC7511 Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
16
3
Functional Descriptions
This section provides information about the functional aspects of the VSC7511 Industrial IoT Ethernet
switch device, available configurations, operational features, and testing functionality.
3.1
Port Numbering and Mappings
The switch core contains an internal port numbering domain where ports are numbered from 0 through
11. A port connects to a port module, which connects to an interface macro, which connects to I/O pins
on the device. The interface macros are SERDES6G or copper transceivers.
Some ports are internal to the device and do not connect to port modules or interface macros. For
example, internal ports are used for frame injection and extraction to the CPU queues.
The following table shows the default port numbering and how the ports map to port modules and
interface macros.
Ports 11 is an internal port used for injection and extraction of frames towards a CPU. It does not have an
associated port module and interface macro.
The following table shows the fixed mapping from interface macros to the device I/O pins.
Table 3 •
Default Port Numbering and Port Mappings
Port Number
Port Module
Maximum
Port Speed
Default Interface Macro
0
DEV[0]
1 Gbps
CUPHY_0
1
DEV[1]
1 Gbps
CUPHY_1
2
DEV[2]
1 Gbps
CUPHY_2
3
DEV[3]
1 Gbps
CUPHY_3
4
DEV[4]
1 Gbps
SERDES1G_4
5
DEV[5]
1 Gbps
SERDES1G_5
7
DEV[7]
1 Gbps
SERDES6G_0
8
DEV[8]
1 Gbps
SERDES6G_1
10 (NPI)
DEV[10]
2.5 Gbps
SERDES6G_2
11 (CPU)
No port module
No macro
No macro
Table 4 •
Interface Macro to I/O Pin Mapping
SERDES Macros
I/O Pin Names
CUPHY_0 to CUPHY_3
P0_D[3:0]N, P0_D[3:0]P - P3_D[3:0]N, P3_D[3:0]P
SERDES1G_4 to SERDES1G_5
S4_RXN, S4_RXP, S4_TXN, S4_TXP - S5_RXN, S5_RXP, S5_TXN, S5_TXP
SERDES6G_0 to SERDES6G_2
S6_RXN, S6_RXP, S6_TXN, S6_TXP - S8_RXN, S8_RXP, S8_TXN, S8_TXP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com