Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 48 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 44Page - Microsemi Corporation VSC7511 Datasheet HTML 45Page - Microsemi Corporation VSC7511 Datasheet HTML 46Page - Microsemi Corporation VSC7511 Datasheet HTML 47Page - Microsemi Corporation VSC7511 Datasheet HTML 48Page - Microsemi Corporation VSC7511 Datasheet HTML 49Page - Microsemi Corporation VSC7511 Datasheet HTML 50Page - Microsemi Corporation VSC7511 Datasheet HTML 51Page - Microsemi Corporation VSC7511 Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
33
The sensitivity of the level detect circuit can be adapted to the input signal’s characteristics (amplitude
and noise). The threshold value for the level detect circuit is set in SERDES6G_IB_CFG.IB_VBCOM.
The default value is suitable for normal operation.
When the SerDes interface operates in 100BASE-FX mode, the input buffer of the SERDES6G macro
must also be configured for 100BASE-FX (SERDES6G_IB_CFG.IB_FX100_ENA).
During test or reception of low data rate signals (for example, 100BASE-FX), the DC-offset
compensation must be disabled. For all other modes, the DC-offset compensation must be enabled for
optimized performance. DC-offset compensation is controlled by
SERDES6G_IB_CFG1.IB_ENA_OFFSAC and SERDES6G_IB_CFG1.IB_ENA_OFFSDC.
3.4.7
SERDES6G Output Buffer Configuration
The SERDEDS6G output buffer supports the following configurable options.
•
Amplitude control
•
De-emphasis and output polarity inversion
•
Slew rate control
•
Skew adjustment
•
Idle mode
The maximum output amplitude of the output buffer depends on the output buffer’s supply voltage. For
interface standards requiring higher output amplitudes (backplane application or interface to optical
modules, for example), the output buffer can be supplied from a 1.2 V instead of a 1.0 V supply. By
default, the output buffer is configured for 1.2 V mode, because enabling the 1.0 V mode when supplied
from 1.2 V must be avoided. The supply mode is configured by
SERDES6G_OB_CFG.OB_ENA1V_MODE.
The output buffer supports a four-tap pre-emphasis realized by one pre-cursor, the center tap, and two
post cursors. The pre-cursor coefficient, C0, is configured by SERDES6G_SER_CFG.OB_PREC. C0 is a
5-bit value, with the most significant bit defining the polarity. The lower 4-bit value is hereby defined as
B0. The first post-cursor coefficient, C2, is configured by SERDES6G_OB_CFG.OB_POST0. C2 is a 6-
bit value, with the most significant bit defining the polarity. The lower 5-bit value is hereby defined as B2.
The second post-cursor coefficient, C3, is configured by SERDES6G_SER_CFG.OB_POST1. C3 is 5-bit
value, with the most significant bit defining the polarity. The lower 4-bit value is hereby defined as B3.
The center-tap coefficient, C1, is a 6-bit value. Its polarity can be programmed by
SERDES6G_OB_CFG.OB_POL, which is hereby defined as p1. For normal operation
SERDES6G_OB_CFG.OB_POL must be set to 1. The value of the 6 bits forming C1 is calculated by the
following equation.
Equation 1: C1: (64 – (B0 + B2 + B3)) × p1
The output amplitude is programmed by SERDES6G_OB_CFG1.OB_LEV, which is a 6-bit value. This
value is internally increased by 64 and defines the amplitude coefficient K. The range of K is therefore 64
to 127. The differential peak-peak output amplitude is given by 8.75 mV × K. The maximum peak-peak
output amplitude depends on the data stream and can be calculated to:
Equation 2: H(Z) = 4.375 mVpp × K × (C0 × z1 + C1 × z0 + C2 × z–1 + C3 × z–2)/64
with zn denoting the current bits of the data pattern defining the amplitude of Z. The output amplitude also
depends on the output buffer’s supply voltage.
The configuration bits are summarized in the following table.
Table 20 •
De-Emphasis and Amplitude Configuration
Configuration
Value
Description
OB_PREC
Signed 5-bit value
Pre-cursor setting C0. Range is –15 to 15.
OB_POST0
Signed 6-bit value
First post-cursor setting C2. Range is –31 to 31.
OB_POST1
Signed 5-bit value
Second post-cursor setting C3. Range is –15 to 15.
OB_LEV
Unsigned 6-bit value
Amplitude coefficient, K = OB_LEV + 64. Range is 0 to 63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com