Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7511 Datasheet(PDF) 71 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 67Page - Microsemi Corporation VSC7511 Datasheet HTML 68Page - Microsemi Corporation VSC7511 Datasheet HTML 69Page - Microsemi Corporation VSC7511 Datasheet HTML 70Page - Microsemi Corporation VSC7511 Datasheet HTML 71Page - Microsemi Corporation VSC7511 Datasheet HTML 72Page - Microsemi Corporation VSC7511 Datasheet HTML 73Page - Microsemi Corporation VSC7511 Datasheet HTML 74Page - Microsemi Corporation VSC7511 Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
56
The VLAN classification determines a tag header for all frames. The tag header includes the following
information:
•
Priority Code Point (PCP)
•
Drop Eligible Indicator (DEI)
•
VLAN Identifier (VID)
•
Tag Protocol Identifier (TPID) type (TAG_TYPE). This field informs whether tag used for
classification was a C-tag or an S-tag.
The tag header determined by the classifier is carried with the frame through the switch and is used in
various places such as the analyzer for forwarding and the rewriter for egress tagging operations.
The device recognizes three kinds of tags based on the TPID, which is the EtherType in front of the tag:
•
Customer tags (C-TAGs), which use TPID 0x8100.
•
Service tags (S-TAGs), which use TPID 0x88A8 (IEEE 802.1ad).
•
Service tags (S-TAGs), which use a custom TPID programmed in SYS::VLAN_ETYPE_CFG.
For customer tags and service tags, both VLAN tags (tags with nonzero VID) and priority tags (tags with
VID = 0) are processed.
The tag header is either retrieved from a tag in the incoming frame or from a default port-based tag
header. The port-based tag header is configured in ANA:PORT:VLAN_CFG.
For double tagged frames, there is an option to use the inner tag instead of the outer tag
(VLAN_CFG.VLAN_INNNER_TAG_ENA).
In addition to the tag header, the port decides the number of VLAN tags to pop at egress
(VLAN_POP_CNT). If the configured number of tags to pop is greater than the actual number of tags in
the frame, the number is reduced to the number of actual tags in the frame.
The following illustration shows the flow chart for basic VLAN classification.
ANA:PORT:VLAN_CFG
Configures the port’s processing of VLAN information
in VLAN-tagged and priority-tagged frames.
Configures the port-based VLAN.
Per port
Table 29 •
VLAN Configuration Registers (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com