Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 7 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 7 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 3Page - WIZnet Co., Ltd W7500P Datasheet HTML 4Page - WIZnet Co., Ltd W7500P Datasheet HTML 5Page - WIZnet Co., Ltd W7500P Datasheet HTML 6Page - WIZnet Co., Ltd W7500P Datasheet HTML 7Page - WIZnet Co., Ltd W7500P Datasheet HTML 8Page - WIZnet Co., Ltd W7500P Datasheet HTML 9Page - WIZnet Co., Ltd W7500P Datasheet HTML 10Page - WIZnet Co., Ltd W7500P Datasheet HTML 11Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7 / 38
2
Description
The W7500x microcontrollers incorporate the high-performance ARM® Cortex®-M0 32-bit RISC
core operating at a 48 MHz frequency, high-speed embedded memories (128 Kbytes of Flash
memory and 16Kbytes of SRAM), and TCP/IP offload engine, an extensive range of enhanced
peripherals and I/Os. All devices offer standard communication interfaces (two SPIs and three
UARTs), 4 general-purpose timers and eight advanced control PWM timer.
The W7500x microcontrollers operate in the 0 to +70 °C temperature range from a 2.7 to 3.6V
power supply. A comprehensive set of power-saving modes allows the design of low-power
applications.
The W7500x microcontrollers include devices in two different packages from include PHY and
non-include PHY.
These features make the W7500x microcontrollers suitable for a wide range of IoT applications
such as application control and user interfaces.
Table 1. W7500/W7500P family device features and peripheral counts
Peripherals
W7500
W7500P
Flash memory in Kbytes
128
SRAM in Kbytes
16
Timers
RTC
1
Watch Dog
1
Dual Timer
2
PWM
up to 8
Comm
UART
up to 3
SPI
up to 2
TCP/IP Socket
8
Internal PHY
No
Yes
GPIOs
53
34
RNG
1
DMA channel
6
CPU frequency
48MHz
Operating voltage
2.7 to 3.6V
Operating temperatures
Ambient temp : -40 to 85℃
Junction temp : -30 to 105℃
Ambient temp : 0 to 70℃
Junction temp : 0 to 105℃
Package
LQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com