Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 22 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 22 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 18Page - WIZnet Co., Ltd W7500P Datasheet HTML 19Page - WIZnet Co., Ltd W7500P Datasheet HTML 20Page - WIZnet Co., Ltd W7500P Datasheet HTML 21Page - WIZnet Co., Ltd W7500P Datasheet HTML 22Page - WIZnet Co., Ltd W7500P Datasheet HTML 23Page - WIZnet Co., Ltd W7500P Datasheet HTML 24Page - WIZnet Co., Ltd W7500P Datasheet HTML 25Page - WIZnet Co., Ltd W7500P Datasheet HTML 26Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22 / 38
1, 1.5, 2 Stop bits indicating that the frame is complete
The USART interface uses a baud rate generator
A status register (UART1_RISR)
data registers (UART1DR)
A baud rate register (UART1_IBRD,UART1_FBRD)
3.17 Synchronous Serial Port (SSP)
The SSP block is an IP provided by ARM (PL022 “PrimeCell® Synchronous Serial Port”).
Additional details about its functional blocks may be found in “ARM PrimeCell® Synchronous
Serial Port (PL022) Technical Reference Manual”.
The SSP is a master or slave interface that enables synchronous serial communication
with slave or master peripherals having one of the following:
A MOTOROLA SPI-compatible interface
A TEXAS INSTRUMENTS synchronous serial interface
A National Semiconductor MICROWIRE® interface.
The SPI interface operates as a master or slave interface. It supports bit rates up to
20 MHz in master mode and up to 4 MHz in slave mode.
Parallel-to-serial conversion on data written to an internal 16-bit wide, 8-
location deep transmit FIFO
Serial-to-parallel conversion on received data, buffering it in a 16-bit wide, 8-location
deep receive FIFO
Programmable data frame size from 4 to 16 bits
Programmable clock bit rate and prescaler. The input clock may be divided by a factor
of 2 to 254 in steps of two to provide the serial output clock
Programmable clock phase and polarity.
3.18 Random number generator (RNG)
RNG is a 32bit random number generator. RNG generates power on random number when
power on reset. RNG can run/stop by software. RNG seed value and polynomial of RNG can be
modified by software.
32bit pseudo random number generator
Formula of pseudo random number generator (polynomial) can be modified.
Seed value of random generator can be modified.
Support power on reset random value.
Random value can be obtains by control start/stop by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com