Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 21 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 21 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 17Page - WIZnet Co., Ltd W7500P Datasheet HTML 18Page - WIZnet Co., Ltd W7500P Datasheet HTML 19Page - WIZnet Co., Ltd W7500P Datasheet HTML 20Page - WIZnet Co., Ltd W7500P Datasheet HTML 21Page - WIZnet Co., Ltd W7500P Datasheet HTML 22Page - WIZnet Co., Ltd W7500P Datasheet HTML 23Page - WIZnet Co., Ltd W7500P Datasheet HTML 24Page - WIZnet Co., Ltd W7500P Datasheet HTML 25Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21 / 38
Internally resets chip if not periodically reloaded.
The watchdog timer has lock register to prevent rogue software from disabling the
watchdog timer functionality.
The watchdog timer clock(WDTCLK) and system clock(PCLK) are synchronous.
3.15 Real-time clock (RTC)
The real-timer clock (RTC) is an independent BCD timer/counter. The RTC provides a timer-
of-day clock/calendar with programmable alarm interrupt.
Calendar with year, month, day, weekday, hours, minutes, and seconds
Programmable alarm with interrupt function
3.15.1
RTC clock
RTC Clock (RTCCLK) can be selected among several clocks (32768Hz oscillator, MCLK, RCLK,
OCLK). Please refer to the Clock Reset Generator chapter for configuring the clock.
If the 32768Hz oscillator clock is used, the divider generates 1 Hz clock internally.
If the DIVRST (Bit[1] of RTC Control Register ) value is high, the RTC Divider is cleared. If the
DIVRST value is low, the divider operates.
3.15.2
RTC interrupt
RTC has two kinds of interrupt source, Counter Interrupt and Alarm Interrupt.
Interrupts are enabled in the NVIC using the appropriate Interrupt Set Enable register.
There are following Counter Interrupts: Second, Minute, Hour, Day (Day of Week), Date (Day
of Month) and Year.
Each bit of RTCINTM (Interrupt Mask Register) can disable or enable interrupt for each Counter
Interrupt.
Alarm Interrupt can be generated when the Alarm matches with Counter.
3.16 Universal asynchronous receiver/transmitter (UART)
The device embeds three universal asynchronous receivers/transmitters (UART0, UART1,
UART2) which communicate at speeds of up to 460.8 Kbit/s.
The UART supports synchronous one-way communication, half-duplex single wire
communication, and UART0,1 supports multiprocessor communications(CTS/RTS) but UART2
unsupported multiprocessor communications UART2 is called the SUART(Simple UART).
Serial-to-parallel conversion on data received from a peripheral device
Parallel-to-serial conversion on data transmitted to the peripheral device
Data size of 5,6,7 and 8 its
One or two stop bits
Even, odd, stick, or no-parity bit generation and detection
Support of hardware flow control
Programmable FIFO disabling for 1-byte depth.
Programmable use of UART or IrDA SIR input/output
False start bit detection
UART bidirectional communication requires a minimum of two pins: RX, TX
The frame are comprised of:
An Idle Line prior to transmission or reception
A start bit
A data word (8 or 9 bits) least significant bit first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com