Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 33 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 33 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 29Page - WIZnet Co., Ltd W7500P Datasheet HTML 30Page - WIZnet Co., Ltd W7500P Datasheet HTML 31Page - WIZnet Co., Ltd W7500P Datasheet HTML 32Page - WIZnet Co., Ltd W7500P Datasheet HTML 33Page - WIZnet Co., Ltd W7500P Datasheet HTML 34Page - WIZnet Co., Ltd W7500P Datasheet HTML 35Page - WIZnet Co., Ltd W7500P Datasheet HTML 36Page - WIZnet Co., Ltd W7500P Datasheet HTML 37Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33 / 38
5.7 I/O PAD Characteristics
DC Specification
Table 16 shows the DC specification of W7500x I/O PAD.
Table 16 DC specification of PAD
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
I/O Input high voltage
2.145
V
VIL
I/O Input low voltage
1.155
V
VHYS
Schmitt trigger
hysteresis
0.33
V
IIH
I/O Input high current
1
uA
IIL
I/O Input low current
-1
uA
VOH
I/O Output high voltage
High driving strength Iload =
6mA
Low driving strength Iload =
3mA
2.5
V
VOL
I/O Output low voltage
High driving strength Iload =
6mA
Low driving strength Iload =
3mA
0.5
V
Rpup
Rpdn
Pull-up
/Pull-down resistor
20
100
KOhm
Flash memory
Table 17 shows the flash memory reliability characteristics of W7500x
Table 17 Flash memory Reliability Characteristics
Symbol
Parameter
Min
Unit
NEND
Sector Endurance
10,000
Cycles
TDR
Data Retention
10
Years
5.8 Electrical Sensitivity Characteristics
Electostatic discharge (ESD)
Table 18 shows the ESD information of W7500x
Table 18 Electrostatic discharge (ESD)
Symbol
Parameter
Test Method
Min
Max
Unit
VESD(HBM)
Electostatic discharge (Human body model)
AEC-Q100-002
±2000
-
V
VESD(CDM)
Electostatic discharge (Charge device model)
AEC-Q100-011
±500
-
V
Static latch-up
Table 19 shows the Static latch-up information of W7500x
Table 19 Static latch-up
Symbol
Parameter
Test Method
Min
Max Unit
ILAT
Latch up current at 125 ℃ ambient
temperature
AEC-Q100-004
±100
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com