Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 14 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 14 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 10Page - WIZnet Co., Ltd W7500P Datasheet HTML 11Page - WIZnet Co., Ltd W7500P Datasheet HTML 12Page - WIZnet Co., Ltd W7500P Datasheet HTML 13Page - WIZnet Co., Ltd W7500P Datasheet HTML 14Page - WIZnet Co., Ltd W7500P Datasheet HTML 15Page - WIZnet Co., Ltd W7500P Datasheet HTML 16Page - WIZnet Co., Ltd W7500P Datasheet HTML 17Page - WIZnet Co., Ltd W7500P Datasheet HTML 18Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14 / 38
3.9 General-purpose inputs/outputs (GPIOs)
The GPIO(General-Purpose I/O Port) is composed of three physical GPIO blocks, each
corresponding to an individual GPIO port(PORT A, PORT B and PORT C). The GPIO supports up
to 34 programmable input/output pins, depending on the peripherals being used.
The GPIO peripheral consists the following features.
GPIO_DATAOUT can SET/CLEAR by the SET register and CLEAR register. (1 for set and
0 for clear)
Mask registers allow treating sets of port bits as a group leaving other bits unchanged.
Up to 34 GPIOs depending on configuration
Programmable control for GPIO interrupts
Interrupt generation masking
Edge-triggered on rising, falling, or both
Refer to ‘Reference Manual’ for more details about each register.
3.10 Pad controller (PADCON)
Pads of W7500x are controllable. User can control pad’s characteristic.
W7500x has digital I/O pads and digital/analog mux I/O pads
Controllable characteristics of pads are pull-up, pull-down, driving strength, input enable, and
CMOS/Schmitt trigger input buffer
Each pad can be controlled individually by register.
Figure 4 shows the function schematic of digital I/O pad of W7500x.
Figure 4. function schematic of digital I/O pad
Figure 5 shows the function schematic of digital/analog mux IO pad of W7500x
Figure 5. function schematic of digital/analog mux IO pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com