Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 24 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 24 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 20Page - WIZnet Co., Ltd W7500P Datasheet HTML 21Page - WIZnet Co., Ltd W7500P Datasheet HTML 22Page - WIZnet Co., Ltd W7500P Datasheet HTML 23Page - WIZnet Co., Ltd W7500P Datasheet HTML 24Page - WIZnet Co., Ltd W7500P Datasheet HTML 25Page - WIZnet Co., Ltd W7500P Datasheet HTML 26Page - WIZnet Co., Ltd W7500P Datasheet HTML 27Page - WIZnet Co., Ltd W7500P Datasheet HTML 28Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24 / 38
4.2 Pin descriptions
4.2.1
W7500 Pin Description
Table 6. Pin Type Notation
Type
Description
I
Input
O
Output
IO
Input/Output
A
Analog
PWR
Power
GND
Ground
Table 7 W7500 Pin Description
PIN No
Symbol
Type
Function
Main
Function
2nd
Function
3rd
Function
4th
Function
1
PC_08
AIO
PWM0/CAP0
GPIO3_8
SCL0
NA
2
PC_09
AIO
PWM1/CAP1
GPIO3_9
SDA0
NA
3
PC_10
AIO
U_TXD2
GPIO3_10
PWM2/CAP2
NA
4
PC_11
AIO
U_RXD2
GPIO3_11
PWM3/CAP3
NA
5
PC_12
AIO
NA
GPIO3_12
SSEL0
NA
6
PC_13
AIO
NA
GPIO3_13
SCLK0
NA
7
PC_14
AIO
NA
GPIO3_14
MISO0
NA
8
PC_15
AIO
NA
GPIO3_15
MOSI0
NA
9
GND
GND
GND
10
VDD
PWR
VDD
11
PD_00
IO
CRS/TXD3
GPIO4_0
12
PD_01
IO
RXDV/TXD2
GPIO4_1
13
PD_02
IO
RXD0/TXD1
GPIO4_2
14
PD_03
IO
RXD1/TXD0
GPIO4_3
15
PD_04
IO
RXD2/TXCLK
GPIO4_4
16
PB_06
IO
RXD3/DUP
GPIO2_6
17
PB_07
IO
RXCLK/RXCLK
GPIO2_7
18
PB_08
IO
DUP/RXD3
GPIO2_8
19
PB_09
IO
TXCLK/RXD2
GPIO2_9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com