Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 10 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 10 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 6Page - WIZnet Co., Ltd W7500P Datasheet HTML 7Page - WIZnet Co., Ltd W7500P Datasheet HTML 8Page - WIZnet Co., Ltd W7500P Datasheet HTML 9Page - WIZnet Co., Ltd W7500P Datasheet HTML 10Page - WIZnet Co., Ltd W7500P Datasheet HTML 11Page - WIZnet Co., Ltd W7500P Datasheet HTML 12Page - WIZnet Co., Ltd W7500P Datasheet HTML 13Page - WIZnet Co., Ltd W7500P Datasheet HTML 14Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10 / 38
3.4 System configuration controller (SYSCFG)
Main purposes of the system configuration controller are the following
The ability to enable an automatic reset if the system locks up
Information about the cause of the last reset
3.5 Power management
3.5.1
Power supply schemes
W7500x embeds a voltage regulator in order to supply the internal 1.5V digital power domain.
Require a 2.7V ~ 3.6V operating supply voltage (VDD).
3.5.2
Low-power modes
W7500x is in RUN mode after a system or power reset. There are two low power modes to save
power when the CPU does not need to be kept running. These modes are useful for instances
like when the CPU is waiting for an external interrupt. Please note that there is no power-off
mode for W7500x.
The device features two low-power modes:
Sleep mode
Deep Sleep mode
Additionally, the power consumption can be reducing by following method:
User can slow down the system clocks
User can gate the clocks to the peripherals when they are unused.
Sleep mode / Deep sleep mode
W7500x has two kinds of sleep modes. One is Sleep mode and the other is Deep sleep mode.
Two of them are almost the same except the clock gated peripherals kinds. Table 3 shows the
Sleep mode summary.
Table 3 W7500x sleep mode summary
Mode
Entry
Wakeup
Effect on clocks
Sleep mode
DEEPSLEEP = 0
Enable WFI
Any interrupt
CPU clock OFF
APB Bus Clock ON
AHB Bus clock ON
Memory clocks ON
DEEPSLEEP = 0
Enable WFE
Wakeup event
Deep Sleep mode
DEEPSLEEP = 1
Enable WFI
Any interrupt
CPU clock OFF
APB Bus Clock OFF
AHB Bus clock OFF
Memory clocks OFF
DEEPSLEEP = 1
Enable WFE
Wakeup event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com