Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 29 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 29 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 25Page - WIZnet Co., Ltd W7500P Datasheet HTML 26Page - WIZnet Co., Ltd W7500P Datasheet HTML 27Page - WIZnet Co., Ltd W7500P Datasheet HTML 28Page - WIZnet Co., Ltd W7500P Datasheet HTML 29Page - WIZnet Co., Ltd W7500P Datasheet HTML 30Page - WIZnet Co., Ltd W7500P Datasheet HTML 31Page - WIZnet Co., Ltd W7500P Datasheet HTML 32Page - WIZnet Co., Ltd W7500P Datasheet HTML 33Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29 / 38
PIN No
Symbol
Type
Function
Main
Function
2nd
Function
3rd
Function
4th
Function
PHY
54
PC_01
IO
U_RTS1
GPIO3_1
55
PC_02
IO
U_TXD1
GPIO3_2
PWM2/CAP2
56
PC_03
IO
U_RXD1
GPIO3_3
57
PC_04
IO
SCL1
GPIO3_4
PWM4/CAP4
58
PC_05
IO
SDA1
GPIO3_5
PWM5/CAP5
59
XTAL32_IN
I
32768Hz
xtal in
60
XTAL32_OUT
O
32768Hz
xtal out
61
VDD
PWR
VDD
62
VSS
GND
VSS
63
XTAL_IN
I
Xtal in
64
XTAL_OUT
O
Xtal out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com