Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 37 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 37 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 30Page - WIZnet Co., Ltd W7500P Datasheet HTML 31Page - WIZnet Co., Ltd W7500P Datasheet HTML 32Page - WIZnet Co., Ltd W7500P Datasheet HTML 33Page - WIZnet Co., Ltd W7500P Datasheet HTML 34Page - WIZnet Co., Ltd W7500P Datasheet HTML 35Page - WIZnet Co., Ltd W7500P Datasheet HTML 36Page - WIZnet Co., Ltd W7500P Datasheet HTML 37Page - WIZnet Co., Ltd W7500P Datasheet HTML 38Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
37 / 38
Document History Information
Version
Date
Descriptions
Ver. 1.0.0
18SEP2017
Initial Release
Ver. 1.0.1
26OCT2017
Fixed value Driving Strength condition in PADCON.
Ver. 1.0.2
09NOV2017
Fixed Typo I/O Pad Characteristics VOL description (high -> low)
Ver. 1.0.3
30NOV2017
Fixed figure 8. (W7500P Pin out)
Ver. 1.0.4
18DEC2017
Add Reset & PLL characteristics.
Ver. 1.0.5
30JAN2018
1. Fixed figure 8 (W7500P Pin layout) / Added subhead (4.2.1
W7500, 4.2.2 W7500P) / Fixed table 8(modified Symbol name)
2. Modified SRAM description (2. Description)
Ver. 1.0.6
05FEB2018
Add info about W7500P power consumption.(Current Characteristics)
Ver. 1.0.7
27JUL2018
Fixed figure 2. CRG Diagram (Input Information of WDOGCLK, TIMCLK0,
TIMCLK1).
Ver. 1.0.8
17OCT2018
Fixed Power Supply description (271V ~ 5.5V -> 2.7V ~ 3.6V)
Ver. 1.0.9
12NOV2019
Fixed 5.2
I/O Power on slope (5V/sec -> 3.3V)
The ADC causes the interference between channels. So all
explain of ADC are removed
Ver 1.1.0
20DEC2019
Fixed 3.17 UART speed to 460.8 Kbit/s from 3 Mbit/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com