Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 19 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 19 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 15Page - WIZnet Co., Ltd W7500P Datasheet HTML 16Page - WIZnet Co., Ltd W7500P Datasheet HTML 17Page - WIZnet Co., Ltd W7500P Datasheet HTML 18Page - WIZnet Co., Ltd W7500P Datasheet HTML 19Page - WIZnet Co., Ltd W7500P Datasheet HTML 20Page - WIZnet Co., Ltd W7500P Datasheet HTML 21Page - WIZnet Co., Ltd W7500P Datasheet HTML 22Page - WIZnet Co., Ltd W7500P Datasheet HTML 23Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19 / 38
3.13 Direct memory access controller (DMA)
Direct memory access (DMA) is used in order to provide high-speed data transfer between
peripherals and memory as well as memory to memory. Data can be quickly moved by DMA
without any CPU actions. This keeps CPU resources free for other operations.
The DMA controller has up to 6 channels in total, each dedicated to managing memory access
requests from one or more peripherals. It has an arbiter for handling the priority between DMA
requests. For more details, refer to “PrimeCell® μDMA Controller (PL230)” from the Technical
Reference Manual
•
6 channels
•
Each channel is connected to dedicated hardware DMA requests and software trigger is
also supported on each channel.
•
Priorities between requests from the DMA channels are software programmable (2 levels
consisting of high, default)
•
Memory-to-memory transfer (software request only)
•
TCP/IP-to-memory transfer (software request only)
•
SPI/UART-to-memory transfer (hardware request and software request)
•
Access to Flash, SRAM, APB and AHB peripherals as source and destination
DMA request mapping
The hardware requests from the peripherals (UART0, UART1, SSP0, SSP1) are simply connected
to the DMA. Refer to Table 5 which lists the DMA requests for each channel.
Table 5 Summary of the DMA requests for each channel
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Hardware
Request
SSP0_TX
SSP0_RX
SSP1_TX
SSP1_RX
UART0_TX
UART0_RX
UART1_TX
UART1_RX
NONE
NONE
Software
Request(1)
Support
Support
Support
Support
Support
Support
Software request is the only way to use DMA for memory-to-memory or TCP/IP-to-memory.
3.14 Timers and watchdogs
3.14.1
System tick timer
System tick timer(SysTick) is part of the ARM Cortex-M0 core
Simple 24bit timer.
Clocked internally by the system clock or the system clock/2.
The SysTick timer is an integral part of Cortex-M0. The SysTick timer is intended to generated
a fixed 10 millisecond interrupt for use by an operating system or other system management
software.
Since the SysTick timer is a part of the Cortex-M0, it facilitates porting of software by
providing a standard timer that is available on Cortex-M0 based devices.
The SysTick timer can be used for :
An RTOS tick timer which fires at a programmable rate (for example 100 Hz) and
invokes a SysTick routine.
A high-speed alarm timer using the core clock.
A simple counter. Software can use this to measure time to completion and time used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com