Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 32 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 32 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 28Page - WIZnet Co., Ltd W7500P Datasheet HTML 29Page - WIZnet Co., Ltd W7500P Datasheet HTML 30Page - WIZnet Co., Ltd W7500P Datasheet HTML 31Page - WIZnet Co., Ltd W7500P Datasheet HTML 32Page - WIZnet Co., Ltd W7500P Datasheet HTML 33Page - WIZnet Co., Ltd W7500P Datasheet HTML 34Page - WIZnet Co., Ltd W7500P Datasheet HTML 35Page - WIZnet Co., Ltd W7500P Datasheet HTML 36Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32 / 38
5.6 Supply Current Characteristics
Normal operation
Table 13 shows the Normal operation supply current.
Table 13 Normal operation supply current
Symbol
Parameter
Conditions1
Condition2
Typ
Unit
IDD_NOR
Supply
current
Active mode; code
While(1) {}
Executed from flash
memory
System clock =
10MHz
6.14
(52.14) (1)
(22.14) (2)
mA
System clock =
20MHz
8.82
(54.82) (1)
(24.82) (2)
mA
System clock =
40MHz
14.09
(60.09) (1)
(30.09) (2)
mA
(1) When PHY Normal mode, W7500P Internal PHY power consumption is 46mA MAX.
(2) When PHY Power down mode, W7500P Internal PHY power consumption is 16mA MAX.
Sleep mode
Table 14 shows the Normal operation supply current.
Table 14 Sleep mode supply current
Symbol
Parameter
Conditions1
Condition2
Typ
Unit
IDD_SLP
Supply
current
After enter sleep mode
All peripheral clocks ON
(same as system clock)
System clock =
10MHz
3.51
(49.51) (1)
(19.51) (2)
mA
System clock =
20MHz
5.65
(51.65) (1)
(21.65) (2)
mA
System clock =
40MHz
9.61
(55.61) (1)
(25.61) (2)
mA
(3) When PHY Normal mode, W7500P Internal PHY power consumption is 46mA MAX.
(4) When PHY Power down mode, W7500P Internal PHY power consumption is 16mA MAX.
Deep sleep mode
Table 15 shows the deep sleep mode operation supply current.
Table 15 Deep sleep mode supply current
Symbol
Parameter
Conditions1
Condition2
Typ
Unit
IDD_DSLP
Supply
current
After enter deep sleep mode
All peripheral clocks OFF
-
2.49
(48.49) (1)
(18.49) (2)
mA
(5) When PHY Normal mode, W7500P Internal PHY power consumption is 46mA MAX.
(6) When PHY Power down mode, W7500P Internal PHY power consumption is 16mA MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com