Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 35 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 35 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 30Page - WIZnet Co., Ltd W7500P Datasheet HTML 31Page - WIZnet Co., Ltd W7500P Datasheet HTML 32Page - WIZnet Co., Ltd W7500P Datasheet HTML 33Page - WIZnet Co., Ltd W7500P Datasheet HTML 34Page - WIZnet Co., Ltd W7500P Datasheet HTML 35Page - WIZnet Co., Ltd W7500P Datasheet HTML 36Page - WIZnet Co., Ltd W7500P Datasheet HTML 37Page - WIZnet Co., Ltd W7500P Datasheet HTML 38Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35 / 38
5.10 SSP Interface Characteristics
The maximum SSP speed is 20 Mbit/s in master mode or 4 Mbit/s in slave mode. In slave mode,
the maximum SSP clock rate must be 1/12 of the SSP PCLK clock rate.
Table 21 shows the SSP characteristics of W7500x.
Table 21 SSP characteristics
Symbol
Parameter
Min
Nom
Max
Unit
tclk_per
SSPCLK cycle time
2
65024
System clocks
tclk_high
SSPCLK high time
-
0.5
t clk_per
tclk_low
SSPCLK low time
-
0.5
t clk_per
tclkrf
SSPCLK rise/fall time
-
6
10
tDMd
Data from master valid delay time
0
-
1
System clocks
tDMs
Data from master setup time
1
-
-
System clocks
tDMh
Data from master hold time
2
-
-
System clocks
tDSs
Data from slave setup time
1
-
-
System clocks
tDSh
Data from slave hold time
2
-
-
System clocks
Figure 10. SSP Timing for SPI Frame format, with SPH =1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com