Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 28 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 28 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 24Page - WIZnet Co., Ltd W7500P Datasheet HTML 25Page - WIZnet Co., Ltd W7500P Datasheet HTML 26Page - WIZnet Co., Ltd W7500P Datasheet HTML 27Page - WIZnet Co., Ltd W7500P Datasheet HTML 28Page - WIZnet Co., Ltd W7500P Datasheet HTML 29Page - WIZnet Co., Ltd W7500P Datasheet HTML 30Page - WIZnet Co., Ltd W7500P Datasheet HTML 31Page - WIZnet Co., Ltd W7500P Datasheet HTML 32Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28 / 38
PIN No
Symbol
Type
Function
Main
Function
2nd
Function
3rd
Function
4th
Function
PHY
26
RSTN
I
RSTN
27
PA_00
IO
GPIO1_0
GPIO1_0
PWM6/CAP6
28
PA_01
IO
GPIO1_1
GPIO1_1
PWM7/CAP7
29
PA_02
IO
GPIO1_2
GPIO1_2
CLKOUT
30
PA_03
IO
GPIO1_3
GPIO1_3
PWM0/CAP0
31
PA_04
IO
GPIO1_4
GPIO1_4
32
ISET
I
ISET
ISET
33
AGND
GND
AGND
34
MDI_RN
IO
MDI_RN
MDI_RN
35
MDI_RP
IO
MDI_RP
MDI_RP
36
REGOUT
PWR
REGOUT
37
MDI_TN
IO
MDI_TN
MDI_TN
38
MDI_TP
IO
MDI_TP
MDI_TP
39
AGND
GND
AGND
40
AVDD
PWR
AVDD
41
PA_11
IO
U_CTS0
GPIO1_11
SSEL1
42
PA_12
IO
U_RTS0
GPIO1_12
SCLK1
43
PA_13
IO
U_TXD0
GPIO1_13
MISO1
44
PA_14
IO
U_RXD0
GPIO1_14
MOSI1
45
PB_00
IO
SSEL1
GPIO2_0
U_CTS0
46
PB_01
IO
SCLK1
GPIO2_1
U_RTS0
47
PB_02
IO
MISO1
GPIO2_2
U_TXD0
48
PB_03
IO
MOSI1
GPIO2_3
U_RXD0
49
VSS
PWR
VSS_IO
50
XPHY_IN
I
25MHz xtal
in
51
XPHY_OUT
O
25MHz xtal
out
52
BOOT
IO
BOOT
53
PC_00
IO
U_CTS1
GPIO3_0
PWM0/CAP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com