Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 12 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 12 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 8Page - WIZnet Co., Ltd W7500P Datasheet HTML 9Page - WIZnet Co., Ltd W7500P Datasheet HTML 10Page - WIZnet Co., Ltd W7500P Datasheet HTML 11Page - WIZnet Co., Ltd W7500P Datasheet HTML 12Page - WIZnet Co., Ltd W7500P Datasheet HTML 13Page - WIZnet Co., Ltd W7500P Datasheet HTML 14Page - WIZnet Co., Ltd W7500P Datasheet HTML 15Page - WIZnet Co., Ltd W7500P Datasheet HTML 16Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12 / 38
oscillator clock circuit. In W7500x, there is no supported ����
���� for External oscillator clock (see
Figure 3).
For ����
����������������1 and ��������������������2, it is recommended to use external ceramic capacitors in the 5 pF to
25 pF range(typ.) and are usually the same size, designed for application, and selected to
match the requirements of the crystal or resonator (see Figure 3).
Refer to the crystal resonator manufacturer for more details on the resonator characteristics
(frequency, package, accuracy).
1 ����
������������ value depends on the crystal characteristics
Figure 3 Typical application with an 8 MHz crystal
3.6.2
RC oscillator clock
RC oscillator clock (RCLK) signal is generated from an internal 8MHz RC oscillator.
RC oscillator has the advantage of providing a clock source at low cost (no external
components). However the RC oscillator is less accurate than the external crystal or ceramic
resonator.
Accuracy : 1% at TA= 25oC (User don’t need to calibration)
3.6.3
PLL
The internal PLL can be used to multiply the External Oscillator Clock (OCLK) or RC Oscillator
Clock (RCLK). PLL input can be selected by register.
PLL output clock can be generated by following the equations below.
FOUT = FIN x M / N x 1 / OD
Where:
M = M[5] x 25 + M[4] x 24 + M[3] x 23 + M[2] x 22 + M[1] x 2 + M[0] x 1
N = N[5] x 25 + N[4] x 24 + N[3] x 23 + N[2] x 22 + N[1] x 2 + N[0] x 1
OD = 2 (2 x OD[1]) x 2 (1 x OD[0])
3.6.4
Generated clock
Each generated clock source can be selected among 3 clock source as independent by each
clock source select register.
PLL output clock (MCLK)
Internal 8MHz RC oscillator clock (RCLK)
External oscillator clock (8MHz ~ 24MHz) (OCLK)
Each generated clock has own prescaler which can be selected individually by each
prescale value register.
FCLK, SSPCLK, UARTCLK : 1/1, 1/2, 1/4, 1/8
1 ����
������������ value depends on the crystal characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com