Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 11 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 11 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 7Page - WIZnet Co., Ltd W7500P Datasheet HTML 8Page - WIZnet Co., Ltd W7500P Datasheet HTML 9Page - WIZnet Co., Ltd W7500P Datasheet HTML 10Page - WIZnet Co., Ltd W7500P Datasheet HTML 11Page - WIZnet Co., Ltd W7500P Datasheet HTML 12Page - WIZnet Co., Ltd W7500P Datasheet HTML 13Page - WIZnet Co., Ltd W7500P Datasheet HTML 14Page - WIZnet Co., Ltd W7500P Datasheet HTML 15Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11 / 38
3.6 Clocks and startup
Two clock sources can be used to drive the system clock.
External oscillator clock (8MHz ~ 24MHz) (OCLK)
Internal 8MHz RC oscillator clock (RCLK)
One additional clock source
32.768KHz low speed external crystal which derives the real time clock.
There is a PLL
One PLL is integrated
Input clock range is from 8MHz to 24MHz
Frequency can be generated by M/N/OD registers. (refer register description)
Bypass option enabled
There are many generated clocks for independent operating with system clock
System clock (FCLK)
SSP0, SSP1 clock (SSPCLK)
UART0, UART1 clock (UARTCLK)
Two Timer clocks (TIMCLK0, TIMCLK1)
8ea PWM clocks (PWMCLK0 - PWMCLK7)
Real time clock (RTCCLK)
WDOG clock (WDOGCLK)
Random number generator clock (RNGCLK)
RNGCLK have only one source (pll output) and no prescaler
Some of the generated clocks turn off automatically when CPU enters sleep mode.
RNGCLK
Generate two Hardware TCPIP Clocks (MII_RXC, MII_TXC) are from external PADs.
Hardware TCPIP Clocks can be gated by register control.
All clocks generated from CRG can be monitored.
Figure 2. CRG block diagram
3.6.1
External Oscillator Clock
The External oscillator clock (OCLK) can be supplied with a 8 to 24 MHz crystal/ceramic
resonator oscillator. In the Typical application, Figure 3, ����
���� must be inserted in External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com