Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7500P Datasheet(PDF) 20 Page - WIZnet Co., Ltd

Part # W7500P
Description  Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7500P Datasheet(HTML) 20 Page - WIZnet Co., Ltd

Back Button W7500P Datasheet HTML 16Page - WIZnet Co., Ltd W7500P Datasheet HTML 17Page - WIZnet Co., Ltd W7500P Datasheet HTML 18Page - WIZnet Co., Ltd W7500P Datasheet HTML 19Page - WIZnet Co., Ltd W7500P Datasheet HTML 20Page - WIZnet Co., Ltd W7500P Datasheet HTML 21Page - WIZnet Co., Ltd W7500P Datasheet HTML 22Page - WIZnet Co., Ltd W7500P Datasheet HTML 23Page - WIZnet Co., Ltd W7500P Datasheet HTML 24Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20 / 38
An internal clock source control based on missing/meeting durations. The COUNTFLAG
bit-field in the control and status register can be used to determine if an action
completed within a set duration, as part of a dynamic clock management control loop.
3.14.2
Pulse-Width Modulation (PWM)
The PWM consists a 8-channel 32-bit Timer/Counter driven by a programmable prescaler. The
function of the PWM is based on the basic Timer. Each timer and counter runs independently.
The PWM can be used to control the width of the pulse, formally the pulse duration, to
generate output waveform or to count the counter triggered by external input.
Counter or Timer operation can use the peripheral clock, external clock source, or one
of the capture inputs as the clock source.
Eight independent 32-bit Timer/Counter driven by a programmable 6 bits prescaler
runs as the PWM or standard timer if the PWM mode is not enabled.
Eight PWM output waveforms.
Each of Timer/Counter can have different or same clock source.
Counter or timer operation.
Eight capture registers that can take the timer value when an external input signal. A
capture event can generate an interrupt signal optionally.
32-bit match register and limit register.
3.14.3
Dual timers
The dual timer consists two programmable 32-bit or 16-bit Free-running counters(FRCs) that
can generate interrupts when they reach 0. There are two dual timers and 4 FRCs. One dual
timers has one interrupt handler, resulting in two interrupts of timers. Also one dual timer has
one clock but two clock enable signals. Users can select one repetition modes one-shot or
wrapping mode, and wrapping mode consists free-running and periodic mode. Two FRCs are
one set so two FRCs has one clock, reset, and interrupt but each FRC has an individual clock
enable.
One dual timer has two Free-Running Counters(FRCs).
One dual timer has one interrupt handler and one clock.
One dual timer has two clock enable signals.
There are 2 dual timers.
A 32-bit or a 16-bit down counter.
One of the following repetition modes: one-shot and wrapping mode.
One of the following wrapping modes: Free-running and periodic mode.
There is a prescaler that can divide down the clock rate by 1, 16, or 256.
3.14.4
Watchdog timer
The watchdog is based on a 32-bit down-counter that is initialized from the Reload Register,
WDTLoad. The watchdog generates a regular interrupt depending on a programmed value. The
counter decreases by one on each positive clock edge of watchdog clock.
The watchdog monitors the interrupt and asserts a reset request signal when the counter
reaches 0 and the counter is stopped. On the next enabled watchdog clock edge, the counter
is reloaded from the WDTLoad Register and the countdown sequence continues. The watchdog
reasserts the reset signal if the interrupt is not cleared by the time the counter next reaches
0.
The watchdog applies a reset to a system in the event of a software failure to provide a way
to recover from software crashes. Users can enable or disable the watchdog unit as required.
32-bit down counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com