Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 28Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 29Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 30Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 31Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 32Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 33Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 34Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 35Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
WatchDog Timer
PRELIMINARY V1.8
27
TABLE 20.
Definition of WDCR
Reset
Value
0
1
0
1
0:
Pin Reset
1:
WD Reset
0
0
0
Read/
Write by
Software
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Write by
Hardware
0 by Exter-
nal
Pin Reset
1 by
WD-Timer
Reset
Name
Bit
Description
WDON[1:0]
7 to 6
WD-Timer turn ON bits
[Bit Status: 01 (Initial Value)]
In this mode, the WD-Timer turns off.
This bit status makes a selected counting clock frozen. Thus, the 8-bit WD-Timer
Register keeps previous value without down-counting.
[Bit Status: 10]
In this mode, the WD-Timer turns on.
This bit status makes a selected counting clock run. Thus, the 8-bit WD-Timer
Register operates as a down-counter.
[Bit Status: 00 or 11]
Do NOT write these values on these two bits.
In these mode, the WD-Timer turns on just like status-10. The purpose of these
two redundant status is to prevent unexpected WD-Timer stop by device upset.
While the WD-Timer is running by setting 10 to the WDON[1:0], unexpected
electrical shock can make a WDON bit toggle. If another WDON bit retains its
value, the WD-Timer will be continuously running without stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com