Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 66Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 67Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 68Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 69Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 70Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 71Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 72Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 73Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 129 page
background image
Port Definitions
PRELIMINARY V1.8
65
TABLE 37.
The Definition of Each SREL bit
14. Port Definitions
14.1.
Overview
In the SS1102C, there are two groups of ports, Port-0 to 3 and Port-4. Each port group
has different configuration. Thus, the user should carefully read the port specification.
The output drivers of Port-0 and 2, and the input buffer of Port-0 may be used in
accesses to external memory. In this application, Port-0 outputs the low byte of the
external memory address, time-multiplexed with the byte being written or read. Port-2
outputs the high byte of the external memory address when the address is 16-bits wide.
Otherwise the Port-2 pins continue to emit the P2 SFR content.
The Port-1 pins and Port-3 pins are multifunctional. They are not only port pins, but also
serve the functions of various special features as listed below:
Name
Bit
Definition
SREL[1:0]
1 to 0
Stop Release Bit-1 to 0
[Bit Status: 01]
IRQ1 Low Level enabled
[Bit Status: 10]
IRQ1 High Level enabled
[Other Cases]
StopAll Mode can not be released by IRQ1 pin event, can be released by only
Reset.
Stop Release by IRQ1 should be enabled just before going into the StopAll mode. If
it is enabled in other mode, unexpected mode transition will be happened.
PORT BIT
ALTERNATE FUNCTION
P1.4
LBD
P1.5
SPIO
P1.6
SPIIN
P1.7
SPICLK
P3.0
CPTRU2
P3.1
CPTRU1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com