Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 69Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 70Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 71Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 72Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 73Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 74Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 75Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 76Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
Port Definitions
68
PRELIMINARY V1.8
TABLE 40.
Definition of PCR
Figure 23.
Pcr & Port Direction Control: Port-0 To 3
14.4.
ZCR (Hi-Z Control Register)
Address
9BH
Bit Addr.
None
BIT
7
6
5
4
3
2
1
0
NAME
ZCR4
ZCR3
ZCR2
ZCR1
ZCR0
Definition
Reserved
bit
Reserved
bit
Reserved
bit
Port-4
Hi-Z
Control bit
0: Disable
1: Hi-Z
Enable
Port-3
Hi-Z
Control bit
0: Disable
1: Hi-Z
Enable
Port-2
Hi-Z
Control bit
0: Disable
1: Hi-Z
Enable
Port-1
Hi-Z
Control bit
0: Disable
1: Hi-Z
Enable
Port-0
Hi-Z
Control bit
0: Disable
1: Hi-Z
Enable
Reset Value
0
0
0
0
0
0
0
0
MUX
0
1
SFR
PxIO
[7:0]
SFR
PCR
bit-x
Direction
Control
from CPU
Signals
Output Enable
1: Output Mode
0: Input Mode
Pin
Pin Input
Port Latch or
Special Output
SFR
ZCR
bit-x
nand
HIZ
(PSCR)
and
NHIZ
0: Hi-Z
1: Normal
or
SIO/Timer
Output Enable
Inen
Digital In
Analog In
Port3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com