Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 29Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 30Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 31Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 32Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 33Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 34Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 35Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 36Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 129 page
background image
WatchDog Timer
28
PRELIMINARY V1.8
TABLE 21.
The Description of WDCR bit-7 to 4
TABLE 22.
The Description of WDCR bit-3 to 0
10.3.
WatchDog Timer Register (WDCNT)
WDREN[1:0]
5 to 4
WD-Timer Reset generation ENable bits
[Bit Status: 01 (Initial Value)]
In this mode, the WD-Timer can not generate a Reset signal even though the
underflow of the WD-Timer takes place. This allows the WD-Timer to be used as
a simple Interval Timer.
[Bit Status: 10]
In this mode, the WD-Timer will generate a Reset signal if the underflow of the
WD-Timer takes place. After WD-Timer Reset, the program will begin at the
ROM address 0000H. All registers will be initialized.
[Bit Status: 00 or 11]
Do NOT write these values on these two bits.
In these mode, the WD-Timer will generate a Reset signal just like status-10 if
the underflow of the WD-Timer takes place. The purpose of these two redundant
status is to prevent unexpected WD-Timer behavior by device upset. While the
WD-Timer is running with setting 10 to the WDREN[1:0], unexpected electrical
shock can make a WDREN bit toggle. If another WDREN bit retain its value, the
WD-Timer can generate a Reset signal.
Name
Bit
Description
WDRST
3
WD-Timer Reset Status bit
[Bit Status: 0]
The chip was initialized by the external pin reset signal.
[Bit Status: 1]
The chip was initialized by the WD-Timer underflow reset signal.
2
Reserved bit
WDCS[1:0]
1 to 0
WD-Timer counting Clock Select bit
[Bit Status: 00]
Fsys/12
[Bit Status: 01]
Ffast/2
5 = F
fast/32
[Bit Status: 10]
Ffast/2
10 = F
fast/1024
[Bit Status: 11]
Ffast/2
14 = F
fast/16384
Address
Bit Addr.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com