Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 67Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 68Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 69Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 70Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 71Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 72Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 73Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 74Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 129 page
background image
Port Definitions
66
PRELIMINARY V1.8
TABLE 38.
Port 1 and Port 3 Functions
The alternate functions for NWR, NRD can only be activated if the corresponding port
bit latch (P3.6, P3.7) in the port SFR contains a 1 (high, initial value). Otherwise the
port pin is stuck at 0 (low).
14.2.
Read-Modify-Write Feature
Some instructions, that read a port (Port-0 to 3 only), read the latch and others read pin.
The instructions that read the latch rather than the pin are the ones that read a value,
possibly change it, and then rewrite it to the latch. These are called “read-modify-write”
instructions. The instructions listed below are read-modify-write instructions. When the
destination operand is a port, or a port bit, these instructions read the latch than the pin:
P3.2
CPTRD1
P3.3
TXEN
P3.4
MODOUT
P3.5
DI
P3.6
IRQ1, NWR (External Data Memory Write Strobe)
P3.7
IRQ2, NRD (External Data Memory Read Strobe)
INSTRUCTIONS
DESCRIPTION
ANL
logical AND, e.g. ANL P0, A
ORL
logical OR, e.g. ORL P1, A
XRL
logical EX-OR, e.g. XRL P2, A
JBC
jump if bit = 1 and clear bit, e.g. JBC P3.0, LABEL
CPL
complement bit, e.g. CPL P3.1
INC
increment, e.g. INC P0
DEC
decrement, e.g. DEC P1
DJNZ
decrement and jump if not zero, e.g. DJNZ P0,
LABEL
MOV PX.Y, C
move carry bit to bit Y of Port-X
CLR PX.Y
clear bit Y of Port-X
PORT BIT
ALTERNATE FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com