Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 64Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 65Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 66Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 67Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 68Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 69Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 70Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 71Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 129 page
background image
Power-Saving Modes
PRELIMINARY V1.8
63
TABLE 34.
Summary of PSCR
Figure 22.
Clock System & Power-saving Control
Name
Bit
Definition
FSEL[1:0]
7 to 6
Reserved
FTST
5
Fast Stabilization Time for Test
[Bit Status: 0]
When the StopAll mode is released by an IRQ1 Event, fast oscillator stabiliza-
tion time will be 19.4688 mSec (1/10MHz x (218-1+217-1)).
[Bit Status: 1]
When the StopAll mode is released by an IRQ1 Event, fast oscillator stabiliza-
tion time will be 6.4 uSec (1/10MHz x 27-1).
HIZ
4
PIN State control bit
[Bit Status: 0] Normal Pin state.
[Bit Status: 1] All normal I/O pins become High-Z (impedance) state.
NOTS
3
Not Use Slow Oscillator bit
[Bit Status: 0] Slow oscillator (32.768KHz) is used.
[Bit Status: 1]
Slow oscillator is not used. The pin XSIN is connected to ground.
Fast Clock
Generator
Slow Clock
Generator
(32.768K)
FSTP
SSTP
Mux &
Sync
CPU
Clock
Peripheral
ISTP
Generator
Generator
Clock
System
Clock
CPU
Control
Clocks
Peripheral
Control
Clocks
Peripheral Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com