Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 74Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 75Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 76Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 77Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 78Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 79Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 80Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 81Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 129 page
background image
Port Definitions
PRELIMINARY V1.8
73
TABLE 45.
Definition of P0NOPN
14.7.
P2 (Port-2)
The Pins-2.0 to 2.7 have two functional modes, ADDR Mode (High Address Mode) and
Port Mode (Bi-directional Port Mode). Initial Status is ADDR Mode because PCR2
(Port Control Register Bit-2) is 0 (low). In Port Mode, the direction of Port-2 can be
decided bit-by-bit. The read policy in Port Mode follows that described before. Read-
Modify-Write instructions read the port latch than the pin.
To use Pin-2.0 to 2.7 as a normal input port, PCR2 should be high. If PCR2 is high, the
direction of each Port-2 pin is decided by each P2IO bit. If the P2IO bit-x is high, Port-
2.x is output mode. If low, Port-2.x is input mode. Initial status is input mode because
P2IO (Port-2 I/O Direction Register) is reset to 00000000B. In input mode, pull-up
resistor can be connected by P2RD (Port-2 Resistor Disable Register). If the P2RD bit-x
is high, Port-2.x pull-up resistor is disconnected. If low, Port-2.x pull-up resistor is
connected. Initial status of P2RD is 00000000B, thus pull-up resistor is connected. If
ZCR2 (High-Z Control Register Bit-2) is high, High-Z control is enabled. At this time,
if HIZ bit in the PSCR (Power Saving Control Register) becomes high, pull-up resistor
is disconnected and pin status becomes high impedance.
To use Pin-2.0 to 2.7 as a normal output port, PCR2 should be high. If the P2IO bit-x is
high, Port-2.x is output mode. In output mode, pull-up resistor is not automatically
disconnected regardless P2RD bit-x. If ZCR2 (High-Z Control Register Bit-2) is high,
High-Z control is enabled. At this time, if HIZ bit in the PSCR (Power Saving Control
Register) becomes high, pin status becomes high impedance.
To use Pin-2.0 to 2.7 as an ADDR output port, PCR2 should be low (reset value). If
PCR2 is low, the direction of each Port-2 pin is controlled by CPU. In output mode,
pull-up resistor is not automatically disconnected regardless P2RD bit-x. For the ADDR
Mode, the ZCR2 must be low (reset value) not to support Hi-Z state.
When P2NOPNx = 0, Port-2.x output buffer will be CMOS Push-Pull. But, P2NOPNx
= 1, Port-2.x output buffer will become N-channel Open Drain.
Read/Write
by Software
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Write
by Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com