Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 2Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 129 page
background image
Description
PRELIMINARY V1.8
1
1.
Description
The SS1102C is a CMOS integrated solution for direct sequence spread spectrum
digital wireless data communication applications. The chip performs all CPU, baseband
modem and peripheral control functions. A baseband spread spectrum modem, a
microcontroller, and I/O interfaces are integrated into a single chip. The RF interface is
suitable for most RF module designs. A low speed link data path allows for supervisory
and setup functions, while the communication channel is used for full duplex data
transmission.
The chip can be delivered in the 52-pin or 100-pin package. The 100-pin version has an
interface to the external EPROM. The 52-pin version is a mask version of the chip.
2.
Features
• Direct sequence spread spectrum transceiver
• Support for MSK
• RF interface signals
• Full and half duplex data transmission modes
• 125Kbps maximum data rate in half duplex mode
• 64Kbps maximum data rate in full duplex mode
• Low speed signalling full duplex data path
• 8051 compatible 8-bit CPU
• 16K bytes on-chip ROM
• 512 x 8 RAM
• Two capture timers
• WatchDog timer
• Time Base timer
• Programmable Serial Peripheral Interface (SPI)
• Low battery detect
• Programmable I/O lines
• Active, Low Power and Power Down Operation modes
• Two on-chip oscillator circuits - up to 24MHz Master clock and low speed 32KHz
clock for the Low Power mode
• Power-on Reset
• Supply Voltage: 2.7V-5.5V
• 52-pin package
• Operating temperature: -20C to 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com