Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 60Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 61Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 62Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 63Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 64Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 65Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 66Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 67Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 129 page
background image
Power-Saving Modes
PRELIMINARY V1.8
59
13.2.
Mode Definition and Transition
There are five Clocking Modes, i.e. FastAll, SlowAll, StopAll, FastPeri, and SlowPeri
modes. These are controlled by PSCR[2:0] (Power Saving Register bit 2 to 0).
According to these bits, it is decided for the Fast Oscillator (up to 24MHz at 5V or
12Mhz at 3V), Slow Oscillator (32.768KHz), and CPU operation or Instruction
execution to run or stop.
There are two Pin State Modes, i.e. NorPin (Normal Pin operation mode) and HIZ
(High-Z mode). The bit-4 of PSCR(HIZ) selects a mode between them.
In any mode of Clocking Modes, any Pin State Mode can be selected.
It is conceptually possible to make a new clocking power-saving mode because three
bits of PSCR are assigned to select it. But, the other cases except listed five modes are
never proven. If the user needs a new clocking Power-Saving mode other than listed
five, to test and prove it is user’s responsibility. We also recommend that only the listed
mode transition is used. For other transitions than recommended transitions, user must
carefully test it. When Clocking Power-Saving Mode is changed by Software, the next
two instructions should be NOP (No Operation).
TABLE 31.
Clocking Power-Saving Mode Definition and PSCR
PSCR bit
bit-2
bit-1
bit-0
Bit Name
SSTP
FSTP
ISTP
FastAll mode
0
0
0
SlowAll mode
0
1
0
StopAll mode
1
1
0
FastPeri mode
0
0
1
SlowPeri mode
0
1
1
Another Cases
Not Proven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com