Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 78Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 79Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 80Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 81Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 82Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 83Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 84Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 85Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 129 page
background image
Port Definitions
PRELIMINARY V1.8
77
is high, Port-1.x pull-up resistor is disconnected. If low, Port-1.x pull-up resistor is
connected. Initial status of P1RD is 00000000B, thus pull-up resistor is connected. If
ZCR1 (High-Z Control Register Bit-1) is high, High-Z control is enabled. At this time,
if HIZ bit in the PSCR (Power Saving Control Register) becomes high, pull-up resistor
is disconnected and pin status becomes high impedance. In input mode, P1.4/LBD,
P1.6/SPIIN, and P1.7/SPICLK can be used LBD or SPI input pins.
To use Pin-1.0 to 1.7 as a normal output port, PCR1 should be high. If the P1IO bit-x is
high, Port-1.x is output mode. In output mode, pull-up resistor is not automatically
disconnected regardless P1RD bit-x. If ZCR1 (High-Z Control Register Bit-1) is high,
High-Z control is enabled. At this time, if HIZ bit in the PSCR (Power Saving Control
Register) becomes high, pin status becomes high impedance.
To use P1.5/SPIO and P1.7/SPICLK as an SPIO output port, PCR1 should be high.
And, an SPI output should be enabled in the SPI block.
When P1NOPNx = 0, Port-1.x output buffer will be CMOS Push-Pull. But, P1NOPNx
= 1, Port-1.x output buffer will become N-channel Open Drain.
TABLE 50.
Definition of P1
Address
90H
Bit Addr.
97H
96H
95H
94H
93H
92H
91H
90H
BIT
7
6
5
4
3
2
1
0
NAME
P17
P16
P15
P14
P13
P12
P11
P10
Definition
Port-1 Pin
or Latch
bit-7
Port-1 Pin
or Latch
bit-6
Port-1 Pin
or Latch
bit-5
Port-1 Pin
or Latch
bit-4
Port-1 Pin
or Latch
bit-3
Port-1 Pin
or Latch
bit-2
Port-1 Pin
or Latch
bit-1
Port-1 Pin
or Latch
bit-0
Reset Value
1
1
1
1
1
1
1
1
Read/Write
by Software
R/W
RMW Ins:
P17 Latch
Read
Other Ins:
P1.7 Pin
Read
R/W
RMW Ins:
P16 Latch
Read
Other Ins:
P1.6 Pin
Read
R/W
RMW Ins:
P15 Latch
Read
Other Ins:
P1.5 Pin
Read
R/W
RMW Ins:
P14 Latch
Read
Other Ins:
P1.4 Pin
Read
R/W
RMW Ins:
P13 Latch
Read
Other Ins:
P1.3 Pin
Read
R/W
RMW Ins:
P12 Latch
Read
Other Ins:
P1.2 Pin
Read
R/W
RMW Ins:
P11 Latch
Read
Other Ins:
P1.1 Pin
Read
R/W
RMW Ins:
P10 Latch
Read
Other Ins:
P1.0 Pin
Read
Write
by Hardware
Address
BAH
Bit Addr.
None
BIT
7
6
5
4
3
2
1
0
NAME
P1IO7
P1IO6
P1IO5
P1IO4
P1IO3
P1IO2
P1IO1
P1IO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com