Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 40Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 41Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 42Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 43Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 44Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 45Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 46Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 47Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 129 page
background image
Direct Sequence Spread Spectrum Baseband Modem (SSTM)
PRELIMINARY V1.8
39
(EQ 1)
In (EQ 1), fburst is the burst rate and fmosc is the master oscillator frequency. As the
transmitter uses a quadrature modulation scheme, the chip rate is 16 times the burst rate
or
(EQ 2)
where fchip is the chip rate and fmosc is the master oscillator frequency. Effectively, the
spread spectrum transceiver operates at 16 chips/bit or 32 bits/symbol where each
symbol is composed of 2 bits.
The total number of bits per burst is fixed and equal for both the Master and the Slave.
The Slave derives its burst timing from the Master by detecting the UW pulse
transmitted by the Master.
12.7.
TDD Protocol
Initially, the two communicating devices need to establish “sync”. The TDD protocol
achieves this by using a special handshaking protocol. The Master first transmits an
“acquisition burst”. The acquisition burst consists of 32 bits of preamble (binary 0’s),
followed by 230 bits of “zero stuffing”, and four 22-bit unique words (UW). When the
Slave receives the acquisition burst from the Master correctly (by decoding the 4
consecutive UWs), it sends an acquisition burst in response. When the Master receives
the acquisition burst, it sends an “empty burst”. An empty burst contains a 32-bit
preamble followed by a single 22-bit unique word, and 296-bit of “1” (One stuffing). In
response to the master’s empty burst, the Slave also sends an empty burst back to the
Master. When the Master receives the empty burst from the Slave, the communication
link is considered to have been established and “sync” condition achieved. On the
following burst, both the Master and the Slave start genuine data transmission by
sending out “data bursts”. Each of the data bursts contain a 32-bit preamble, followed
by a 22-bit UW, a 8-bit Signaling Word (SW), and 288 bits of user data. The three
different types of burst frame structures are shown in Figure 13.
f
burst
f
mosc
192
------------
=
f
chip
f
mosc
12
------------
16
f
burs t
×
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com