Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 22Page - Analog Devices ADRV9010BBCZ Datasheet HTML 23Page - Analog Devices ADRV9010BBCZ Datasheet HTML 24Page - Analog Devices ADRV9010BBCZ Datasheet HTML 25Page - Analog Devices ADRV9010BBCZ Datasheet HTML 26Page - Analog Devices ADRV9010BBCZ Datasheet HTML 27Page - Analog Devices ADRV9010BBCZ Datasheet HTML 28Page - Analog Devices ADRV9010BBCZ Datasheet HTML 29Page - Analog Devices ADRV9010BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 26 of 115
TYPICAL PERFORMANCE CHARACTERISTICS
800 MHz BAND
The temperature settings refer to the die temperature. All LO frequencies set to 800 MHz, unless otherwise noted.
7.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
650
700
750
800
850
900
950
1000
TRANSMITTER LO FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 3. Transmitter CW Output Power vs. Transmitter LO Frequency,
10 MHz Offset, 0 dB Attenuation
0
–100
–80
–60
–90
–70
–50
–40
–20
–30
–10
FREQUENCY (MHz)
SIGNAL
NOISE FLOOR
Figure 4. Transmitter Output Power Spectrum, Tx1, 5 MHz LTE,
10 MHz Offset, −10 dBFS RMS, 1 MHz Resolution Bandwidth, T = 25°C
–40
–100
–90
–80
–70
–60
–50
–100 –80
–60
–40
0
40
80
–20
20
60
100
BASEBAND OFFSET FREQUENCY (MHz)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 5. Transmitter Image Rejection vs. Baseband Offset Frequency,
0 dB Attenuation, QEC Tracking Enabled
–100
–180
–150
–170
–130
–110
–160
–140
–120
010
20
515
TRANSMITTER ATTENUATION (dB)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 6. Transmitter Noise vs. Transmitter Attenuation, 50 MHz Offset
1.0
–0.1
0.1
0.3
0.5
0
0.2
0.4
0.6
0.7
0.8
0.9
–250 –200 –150 –100
0
100
200
–50
50
150
250
BASEBAND OFFSET FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 7. Transmitter Pass Band Flatness vs. Baseband Offset Frequency
–40
–80
–75
–70
–65
–60
–55
–50
–45
0
5
10
15
20
TRANSMITTER ATTENUATION (dB)
+110°C
+25°C
–40°C
Figure 8. Adjacent Channel Power Level vs. Transmitter Attenuation,
−10 MHz Baseband Offset, 20 MHz LTE, PAR = 12 dB,
Loop Filter Bandwidth = 50 kHz, Loop Filter Phase Margin = 40°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com