Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 82 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 82 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 78Page - Analog Devices ADRV9010BBCZ Datasheet HTML 79Page - Analog Devices ADRV9010BBCZ Datasheet HTML 80Page - Analog Devices ADRV9010BBCZ Datasheet HTML 81Page - Analog Devices ADRV9010BBCZ Datasheet HTML 82Page - Analog Devices ADRV9010BBCZ Datasheet HTML 83Page - Analog Devices ADRV9010BBCZ Datasheet HTML 84Page - Analog Devices ADRV9010BBCZ Datasheet HTML 85Page - Analog Devices ADRV9010BBCZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 82 of 115
4800 MHz BAND
The temperature settings refer to the die temperature. All LO frequencies set to 4800 MHz, unless otherwise noted.
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
4500
4600
4700
4800
4900
5000
TRANSMITTER LO FREQUENCY (MHz)
–40°C
+25°C
+110°C
Figure 327. Transmitter CW Output Power vs. Transmitter LO Frequency,
10 MHz Offset, 0 dB Attenuation
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
4300 4400 4500 4600 4700 4800 4900 5000 5100 5200 5300
FREQUENCY (MHz)
SIGNAL
ANALYZER NOISE FLOOR
Figure 328. Transmitter Output Power Spectrum, Tx1, 5 MHz LTE,
10 MHz Offset, −10 dBFS RMS, 1 MHz Resolution Bandwidth, T = 25°C
–100 –80
–60
–40
–20
0
20
40
60
80
100
BASEBAND OFFSET FREQUENCY (MHz)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
Figure 329. Transmitter Image Rejection vs. Baseband Offset Frequency, 0 dB
Attenuation, QEC Tracking Enabled
–180
–170
–160
–150
–140
–130
–120
–110
–100
0
5
10
15
20
TRANSMITTER ATTENUATION (dB)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
Figure 330. Transmitter Noise vs. Transmitter Attenuation, 50 MHz Offset
–0.2
0
0.2
0.4
0.6
0.8
1.0
–250 –200 –150 –100 –50
0
50
100
150
200
250
BASEBAND OFFSET FREQUENCY (MHz)
–40°C
+25°C
+110°C
Figure 331. Transmitter Pass Band Flatness vs. Baseband Offset Frequency
–80
–75
–70
–65
–60
–55
–50
–45
–40
0
5
10
15
20
TRANSMITTER ATTENUATION (dB)
–40°C
+25°C
+110°C
Figure 332. Adjacent Channel Power Level vs. Transmitter Attenuation,
−10 MHz Baseband Offset, 20 MHz LTE, PAR = 12 dB, Loop Filter Bandwidth =
800 kHz, Loop Filter Phase Margin = 75°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com