Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 85 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 85 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 81Page - Analog Devices ADRV9010BBCZ Datasheet HTML 82Page - Analog Devices ADRV9010BBCZ Datasheet HTML 83Page - Analog Devices ADRV9010BBCZ Datasheet HTML 84Page - Analog Devices ADRV9010BBCZ Datasheet HTML 85Page - Analog Devices ADRV9010BBCZ Datasheet HTML 86Page - Analog Devices ADRV9010BBCZ Datasheet HTML 87Page - Analog Devices ADRV9010BBCZ Datasheet HTML 88Page - Analog Devices ADRV9010BBCZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 85 of 115
4500
4600
4700
4800
4900
5000
RECEIVER LO FREQUENCY (MHz)
Tx1 TO Rx1
Tx1 TO Rx2
Tx1 TO Rx3
Tx1 TO Rx4
Tx2 TO Rx1
Tx2 TO Rx2
Tx2 TO Rx3
Tx2 TO Rx4
Tx3 TO Rx1
Tx3 TO Rx2
Tx3 TO Rx3
Tx3 TO Rx4
Tx4 TO Rx1
Tx4 TO Rx2
Tx4 TO Rx3
Tx4 TO Rx4
Figure 345. Transmitter to Receiver Isolation vs. Receiver LO Frequency
4500
4600
4700
4800
4900
5000
TRANSMITTER LO FREQUENCY (MHz)
Tx1 TO ORx1
Tx2 TO ORx1
Tx3 TO ORx1
Tx4 TO ORx1
Tx1 TO ORx2
Tx2 TO ORx2
Tx3 TO ORx2
Tx4 TO ORx2
Tx1 TO ORx3
Tx2 TO ORx3
Tx3 TO ORx3
Tx4 TO ORx3
Tx1 TO ORx4
Tx2 TO ORx4
Tx3 TO ORx4
Tx4 TO ORx4
Figure 346. Transmitter to Observation Receiver Isolation vs. Transmitter
LO Frequency
4500
4600
4700
4800
4900
5000
RECEIVER LO FREQUENCY (MHz)
Rx1 TO Rx2
Rx2 TO Rx1
Rx3 TO Rx1
Rx4 TO Rx1
Rx1 TO Rx3
Rx2 TO Rx3
Rx3 TO Rx2
Rx4 TO Rx2
Rx1 TO Rx4
Rx2 TO Rx4
Rx3 TO Rx4
Rx4 TO Rx3
Figure 347. Receiver to Receiver Isolation vs. Receiver LO Frequency
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 348. Receiver Integrated Noise Figure vs. Receiver Attenuation,
20 MHz Offset, 200 MHz Bandwidth, Sample Rate = 245.76 MSPS, Integration
Bandwidth = 500 kHz to 100 MHz
0
5
10
15
20
25
–100 –80
–60
–40
–20
0
20
40
60
80
100
BASEBAND OFFSET FREQUENCY (MHz)
–40°C
+25°C
+110°C
Figure 349. Receiver Integrated Noise Figure vs. Baseband Offset Frequency,
200 MHz Bandwidth, Sample Rate = 245.76 MSPS, Integrated in 200 kHz Steps
–100
–90
–80
–70
–60
–50
–40
4500
4600
4700
4800
4900
5000
RECEIVER LO FREQUENCY (MHz)
–40°C
+25°C
+110°C
Figure 350. Receiver LO Leakage vs. Receiver LO Frequency,
Attenuation = 0 dB, Sample Rate = 245.76 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com