Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 2Page - Analog Devices ADRV9010BBCZ Datasheet HTML 3Page - Analog Devices ADRV9010BBCZ Datasheet HTML 4Page - Analog Devices ADRV9010BBCZ Datasheet HTML 5Page - Analog Devices ADRV9010BBCZ Datasheet HTML 6Page - Analog Devices ADRV9010BBCZ Datasheet HTML 7Page - Analog Devices ADRV9010BBCZ Datasheet HTML 8Page - Analog Devices ADRV9010BBCZ Datasheet HTML 9Page - Analog Devices ADRV9010BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 6 of 115
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Output Third-Order
Intercept Point
OIP3
0 dB Tx attenuation, 90 MHz and
95 MHz tones
800 MHz
30
dBm
1800 MHz
30
dBm
2600 MHz
29
dBm
3800 MHz
27
dBm
4800 MHz
27
dBm
5700 MHz
27
dBm
Carrier Leakage
With LO leakage correction active,
0 dB Tx attenuation; scales dB for dB
with attenuation
Carrier Offset from LO
−82
dBFS/MHz
Carrier on the LO
−71
dBFS/MHz
Measured using an LTE 20 MHz signal
Error Vector Magnitude
EVM
PLL optimized for narrow-band noise,
measured using LTE 20 MHz signal
800 MHz
0.36
%
50 kHz PLL bandwidth
1800 MHz
0.60
%
50 kHz PLL bandwidth
2600 MHz
0.42
%
500 kHz PLL bandwidth
3800 MHz
0.50
%
200 kHz PLL bandwidth
4800 MHz
0.67
%
400 kHz PLL bandwidth
5700 MHz
0.84
%
500 kHz PLL bandwidth
Transmitter TDD
Parameters
Time from SPI_EN
Going High to
Change in Tx
Attenuation
tSCH
12
ns
Time Between
Consecutive
Microattenuation
Steps
tACH
20
ns
A large change in attenuation may
be broken up into a series of smaller
attenuation changes
Attenuation
Overshoot During
Transition
0.1
dB
Change in
Attenuation per
Microstep
0.1
dB
RECEIVERS (Rx)
Center Frequency
650
3800
MHz
ADRV9010BBCZ
650
6000
MHz
ADRV9010BBCZ-A
Gain Range
30
dB
Attenuation Accuracy
Analog Gain Step
0.5
dB
Attenuator steps from 0 dB to 6 dB
1
dB
Attenuator steps from 6 dB to 30 dB
Residual Gain Step
Error
0.1
dB
Gain Temperature
Slope
−6.4
mdB/°C
Internal LO Delay
Temperature Slope
1.0
ps/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com