Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 5 Page - Analog Devices

  ADRV9010BBCZ Datasheet HTML 1Page - Analog Devices ADRV9010BBCZ Datasheet HTML 2Page - Analog Devices ADRV9010BBCZ Datasheet HTML 3Page - Analog Devices ADRV9010BBCZ Datasheet HTML 4Page - Analog Devices ADRV9010BBCZ Datasheet HTML 5Page - Analog Devices ADRV9010BBCZ Datasheet HTML 6Page - Analog Devices ADRV9010BBCZ Datasheet HTML 7Page - Analog Devices ADRV9010BBCZ Datasheet HTML 8Page - Analog Devices ADRV9010BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 5 of 115
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Adjacent Channel
Leakage Power Ratio
(ACLR) Long Term
Evolution (LTE)
20 MHz LTE at −12 dBFS
800 MHz
−67
dB
1800 MHz
−67
dB
2600 MHz
−67
dB
3800 MHz
−67
dB
4800 MHz
−65
dB
5700 MHz
−65
dB
Inband Noise Floor
−154.5
dBFS/Hz
0 dB attenuation, inband noise falls
1 dB for each decibel of attenuation
for attenuation settings between
0 dB and 20 dB
Interpolation Images
−76
dBc
Tx to Tx Isolation: All Tx
Output Effects on All
Other Tx Outputs
800 MHz
80
dB
1800 MHz
76
dB
2600 MHz
74
dB
3800 MHz
70
dB
4800 MHz
70
dB
5700 MHz
64
dB
Image Rejection
Within Large Signal
Bandwidth
QEC active up to 20 dB of attenuation,
continuous wave (CW) tone swept
across the large signal bandwidth
800 MHz
75
dB
1800 MHz
75
dB
2600 MHz
76
dB
3800 MHz
65
dB
4800 MHz
65
dB
5700 MHz
61
dB
Beyond Large Signal
Bandwidth
Assumes that distortion power density
is 25 dB less than the desired power
density
800 MHz
40
dB
1800 MHz
38
dB
2600 MHz
34
dB
3800 MHz
37
dB
4800 MHz
37
dB
5700 MHz
37
dB
Output Impedance
ZOUT
50
Ω
Differential and nominal
Maximum Output Load
Voltage Standing
Wave Ratio (VSWR)
3
Maximum value to ensure adequate
calibration
Output Return Loss
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com