Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADRV9010BBCZ Datasheet HTML 1Page - Analog Devices ADRV9010BBCZ Datasheet HTML 2Page - Analog Devices ADRV9010BBCZ Datasheet HTML 3Page - Analog Devices ADRV9010BBCZ Datasheet HTML 4Page - Analog Devices ADRV9010BBCZ Datasheet HTML 5Page - Analog Devices ADRV9010BBCZ Datasheet HTML 6Page - Analog Devices ADRV9010BBCZ Datasheet HTML 7Page - Analog Devices ADRV9010BBCZ Datasheet HTML 8Page - Analog Devices ADRV9010BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 4 of 115
SPECIFICATIONS
All specifications are verified using a Wenzel Associates Model 500-23867, 245.76 MHz voltage controlled crystal oscillator (VCXO)
as the device clock, unless otherwise noted. Specifications are applicable over the lifetime of the device. Power supplies are as follows:
VDDA_1P8 = 1.8 V, VIF = 1.8 V, VDDA_1P3 = 1.3 V, VDDA_1P0 = 1.0 V, and VDIG_1P0 = 1.0 V. VDDA_1P8 represents VCONV1_1P8,
VCONV2_1P8, VANA1_1P8, VANA2_1P8, VANA3_1P8, VANA4_1P8, and VJVCO_1P8. VDDA_1P3 represents VANA1_1P3,
VANA2_1P3, VCONV1_1P3, VCONV2_1P3, VRFVCO1_1P3, VRFVCO2_1P3, VAUXVCO_1P3, VCLKVCO_1P3, VRFSYN1_1P3,
VRFSYN2_1P3, VCLKSYN_1P3, VAUXSYN_1P3, VRXLO_1P3, and VTXLO_1P3. VDDA_1P0 represents VJSYN_1P0, VDES_1P0,
VTT_DES, and VSER_1P0. All RF specifications are based on measurements that include printed circuit board (PCB) and matching
circuit losses, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
TRANSMITTERS (Tx)
Center Frequency
650
3800
MHz
ADRV9010BBCZ
650
6000
MHz
ADRV9010BBCZ-A
Tx Synthesis Bandwidth
450
MHz
Wider bandwidth for use in digital
processing algorithms
Tx Large Signal
Bandwidth
200
MHz
Zero-IF mode
Peak-to-Peak Gain
Deviation
1.0
dB
450 MHz bandwidth, includes
compensation by programmable
finite impulse response (pFIR) filter
0.1
dB
Any 20 MHz bandwidth span within
the large signal bandwidth, includes
compensation by pFIR filter
Deviation from Linear
Phase
1
Degrees
450 MHz bandwidth
Maximum Output Power
0 dBFS, 1 MHz signal input, 50 Ω load,
0 dB Tx attenuation
800 MHz
6.4
dBm
1800 MHz
6.0
dBm
2600 MHz
6.1
dBm
3800 MHz
6.5
dBm
4800 MHz
6.0
dBm
5700 MHz
5.7
dBm
Power Control Range
32
dB
Power Control Resolution
0.05
dB
Attenuation Accuracy
Integral Nonlinearity
(Gain)
INL
0.1
dB
Valid over full power control range
for any 4 dB step
Differential
Nonlinearity (Gain)
DNL
±0.04
dB
Monotonic
Output Power
Temperature Slope
−4.5
mdB/°C
Valid over full power control range
LO Delay Temperature
Slope
1.05
ps/°C
Valid over full power control range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com