Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 13Page - Analog Devices ADRV9010BBCZ Datasheet HTML 14Page - Analog Devices ADRV9010BBCZ Datasheet HTML 15Page - Analog Devices ADRV9010BBCZ Datasheet HTML 16Page - Analog Devices ADRV9010BBCZ Datasheet HTML 17Page - Analog Devices ADRV9010BBCZ Datasheet HTML 18Page - Analog Devices ADRV9010BBCZ Datasheet HTML 19Page - Analog Devices ADRV9010BBCZ Datasheet HTML 20Page - Analog Devices ADRV9010BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 17 of 115
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Logic Outputs
Output Voltage
High
1375
mV
Low
1025
mV
Differential
225
mV
Offset
1200
mV
DIGITAL SPECIFICATIONS:
VDDA_1P8 REFERENCED
SIGNALS
Applies to the GPIO_ANA_x pin
Logic Inputs
Input Voltage
High Level
VDDA_1P8
× 0.65
VDDA_1P8
+ 0.18
V
Low Level
−0.30
VDDA_1P8
× 0.35
V
Input Current
High Level
−10
+10
μA
Low Level
−10
+10
μA
Logic Outputs
Output Voltage
High Level
VDDA_1P8
− 0.45
V
Low Level
0.45
V
Drive Capability
10
mA
1 fRFLO is the frequency of the RF LO synthesizer and fAUXLO is the frequency of the auxiliary synthesizer.
2 fLO is the frequency of the internal local oscillator generator.
POWER SUPPLY SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CHARACTERISTICS
Voltage range requirements must be met at each ball input for the respective
voltage supply rail
VDDA_1P0 Supply
0.95
1.0
1.05
V
VDIG_1P0 Supply
0.95
1.0
1.05
V
VDDA_1P3 Supply
1.235
1.3
1.365
V
VDDA_1P8 Supply
1.71
1.8
1.89
V
VIF Supply
1.71
1.8
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com