Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 8Page - Analog Devices ADRV9010BBCZ Datasheet HTML 9Page - Analog Devices ADRV9010BBCZ Datasheet HTML 10Page - Analog Devices ADRV9010BBCZ Datasheet HTML 11Page - Analog Devices ADRV9010BBCZ Datasheet HTML 12Page - Analog Devices ADRV9010BBCZ Datasheet HTML 13Page - Analog Devices ADRV9010BBCZ Datasheet HTML 14Page - Analog Devices ADRV9010BBCZ Datasheet HTML 15Page - Analog Devices ADRV9010BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 12 of 115
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Spurious-Free Dynamic
Range
SFDR
64
dB
Nonintermodulation related spurs;
does not include harmonic
distortion; input set at PHIGH − 8 dB
Second-Order Harmonic
Distortion
HD2
Input set at PHIGH − 8 dB
Inband
−80
dBc
Inband harmonic distortion falls
within ±100 MHz
Out of Band
−73
dBc
Out of band harmonic distortion falls
within ±225 MHz
Third-Order Harmonic
Distortion
HD3
Input set at PHIGH − 8 dB
Inband
−70
dBc
Harmonic distortion falls within
±100 MHz
Out of Band
−65
dBc
Harmonic distortion falls within
±225 MHz
Image Rejection
After online tone calibration, QEC
active
Within Large Signal
Bandwidth
75
dB
Outside Large Signal
Bandwidth
75
dB
Tx to ORx Signal Isolation
All Tx output effects on all ORx
inputs
800 MHz
90
dB
1800 MHz
85
dB
2600 MHz
88
dB
3800 MHz
88
dB
4800 MHz
77
dB
5700 MHz
76
dB
LO SYNTHESIZER
LO1, LO2
LO Frequency Step
7.3
Hz
1.6 GHz to 3.2 GHz, 245.76 MHz phase
frequency detector (PFD) frequency
LO Spectral Purity
−80
dBc
Integrated Phase Noise
Integrated from 1 kHz to 100 MHz
Narrow Bandwidth
Optimized
PLL optimized to minimize phase
noise at offsets > 200 kHz
800 MHz LO
0.12
°rms
1800 MHz LO
0.27
°rms
2600 MHz LO
0.66
°rms
3800 MHz LO
0.53
°rms
4800 MHz LO
0.91
°rms
5700 MHz LO
1.57
°rms
Wide Bandwidth
Optimized
PLL bandwidth optimized for
integrated phase noise and phase
noise at offsets > 1 MHz
800 MHz LO
0.07
°rms
1800 MHz LO
0.11
°rms
2600 MHz LO
0.17
°rms
3800 MHz LO
0.26
°rms
4800 MHz LO
0.30
°rms
5700 MHz LO
0.42
°rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com