Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 86 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 86 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 82Page - Analog Devices ADRV9010BBCZ Datasheet HTML 83Page - Analog Devices ADRV9010BBCZ Datasheet HTML 84Page - Analog Devices ADRV9010BBCZ Datasheet HTML 85Page - Analog Devices ADRV9010BBCZ Datasheet HTML 86Page - Analog Devices ADRV9010BBCZ Datasheet HTML 87Page - Analog Devices ADRV9010BBCZ Datasheet HTML 88Page - Analog Devices ADRV9010BBCZ Datasheet HTML 89Page - Analog Devices ADRV9010BBCZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 86 of 115
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 351. Receiver Gain vs. Receiver Attenuation, 20 MHz Offset, 200 MHz
Bandwidth, Sample Rate = 245.76 MSPS
4500
4600
4700
4800
4900
5000
RECEIVER LO FREQUENCY (MHz)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 352. Receiver Gain vs. Receiver LO Frequency, 10 MHz Offset, 200 MHz
Bandwidth, Sample Rate = 245.76 MSPS
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 353. Receiver Gain Step Error vs. Receiver Attenuation,
20 MHz Offset, −5 dBFS Input Signal
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–100 –80
–60
–40
–20
0
20
40
60
80
100
BASEBAND OFFSET FREQUENCY (MHz)
–40°C
+25°C
+110°C
Figure 354. Normalized Receiver Flatness vs. Baseband Offset Frequency,
−5 dBFS Input Signal
–100 –80
–60
–40
–20
0
20
40
60
80
100
BASEBAND OFFSET FREQUENCY (MHz)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 355. Receiver Image vs. Baseband Offset Frequency,
Tracking Calibration Active, Sample Rate = 245.76 MSPS, −5 dBFS Input Signal
0
5
10
15
20
25
30
RECEIVER ATTENUATION (dB)
–40°C, Rx1
+25°C, Rx1
+110°C, Rx1
–40°C, Rx2
+25°C, Rx2
+110°C, Rx2
–40°C, Rx3
+25°C, Rx3
+110°C, Rx3
–40°C, Rx4
+25°C, Rx4
+110°C, Rx4
Figure 356. Receiver Image vs. Receiver Attenuation, 20 MHz Offset, Tracking
Calibration Active, Sample Rate = 245.76 MSPS, −5 dBFS Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com