Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9010BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 25Page - Analog Devices ADRV9010BBCZ Datasheet HTML 26Page - Analog Devices ADRV9010BBCZ Datasheet HTML 27Page - Analog Devices ADRV9010BBCZ Datasheet HTML 28Page - Analog Devices ADRV9010BBCZ Datasheet HTML 29Page - Analog Devices ADRV9010BBCZ Datasheet HTML 30Page - Analog Devices ADRV9010BBCZ Datasheet HTML 31Page - Analog Devices ADRV9010BBCZ Datasheet HTML 32Page - Analog Devices ADRV9010BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 29 of 115
130
50
70
90
60
80
100
110
120
800
850
900
950
1000
RECEIVER LO FREQUENCY (MHz)
Tx1 TO Rx1
Tx2 TO Rx1
Tx3 TO Rx1
Tx4 TO Rx1
Tx1 TO Rx2
Tx2 TO Rx2
Tx3 TO Rx2
Tx4 TO Rx2
Tx1 TO Rx3
Tx2 TO Rx3
Tx3 TO Rx3
Tx4 TO Rx3
Tx1 TO Rx4
Tx2 TO Rx4
Tx3 TO Rx4
Tx4 TO Rx4
Figure 21. Transmitter to Receiver Isolation vs. Receiver LO Frequency
140
130
50
70
90
60
80
100
110
120
800
850
900
950
1000
TRANSMITTER LO FREQUENCY (MHz)
Tx1 TO ORx1
Tx2 TO ORx1
Tx3 TO ORx1
Tx4 TO ORx1
Tx1 TO ORx2
Tx2 TO ORx2
Tx3 TO ORx2
Tx4 TO ORx2
Tx1 TO ORx3
Tx2 TO ORx3
Tx3 TO ORx3
Tx4 TO ORx3
Tx1 TO ORx4
Tx2 TO ORx4
Tx3 TO ORx4
Tx4 TO ORx4
Figure 22. Transmitter to Observation Receiver Isolation vs.
Transmitter LO Frequency
120
50
70
90
60
80
100
110
800
850
900
950
1000
RECEIVER LO FREQUENCY (MHz)
Rx1 TO Rx2
Rx2 TO Rx1
Rx3 TO Rx1
Rx4 TO Rx1
Rx1 TO Rx3
Rx2 TO Rx3
Rx3 TO Rx2
Rx4 TO Rx2
Rx1 TO Rx4
Rx2 TO Rx4
Rx3 TO Rx4
Rx4 TO Rx3
Figure 23. Receiver to Receiver Isolation vs. Receiver LO Frequency
50
0
25
5
35
45
15
10
20
30
40
010
30
520
25
15
RECEIVER ATTENUATION (dB)
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
Figure 24. Receiver Integrated Noise Figure vs. Receiver Attenuation,
200 MHz Bandwidth, Sample Rate = 245.76 MSPS,
Integration Bandwidth = 500 kHz to 100 MHz
25
0
10
20
5
15
–100
–60
–20
40
100
–80
–40
0
80
20
60
BASEBAND OFFSET FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 25. Receiver Integrated Noise Figure vs. Baseband Offset Frequency,
200 MHz Bandwidth, Sample Rate = 245.76 MSPS, Integrated in 200 kHz Steps
–40
–100
–90
–80
–70
–60
–50
650
700
800
900
750
850
950
1000
RECEIVER LO FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 26. Receiver LO Leakage vs. Receiver LO Frequency,
Attenuation = 0 dB, Sample Rate = 245.76 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com